Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC24CI Datasheet(PDF) 4 Page - Diotech Company.

Part # LC24CI
Description  STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

LC24CI Datasheet(HTML) 4 Page - Diotech Company.

  LC24CI Datasheet HTML 1Page - Diotech Company. LC24CI Datasheet HTML 2Page - Diotech Company. LC24CI Datasheet HTML 3Page - Diotech Company. LC24CI Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
LC03CI THRU LC24CI
STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SUGGESTED SOLDER PAD LAYOUT
SOD-323 PACKAGE OUTLINE & DIMENTIONS
SOD-323
x
a
M
n
i
M
m
i
D
5
2
3
.1
5
7
2
.1
A
B
5
2
7
.1
5
7
6
.1
Typical
9
.0
C
5
3
.0
5
2
.0
D
7
3
.0
7
2
.0
E
1
.0
2
0
.0
H
Typical
1
.0
J
K
7
.2
6
.2
All Dimensions in mm
0.025
(0.63)
inches(mm)
0.033
(0.83)
0.063
(1.60)


Similar Part No. - LC24CI

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
LC24CI LEIDITECH-LC24CI Datasheet
132Kb / 3P
   USB 2.0 power and data line
More results

Similar Description - LC24CI

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
SD03 DIOTECH-SD03 Datasheet
917Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SM03 DIOTECH-SM03 Datasheet
931Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SD03C DIOTECH-SD03C Datasheet
777Kb / 3P
   STANDARD CAPACITANCE TVS ARRAY / ESD ARRAY
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
SM20M05-18 PROTEC-SM20M05-18_05 Datasheet
108Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
SM20MT05C PROTEC-SM20MT05C_05 Datasheet
112Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6 Datasheet
81Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
PSOT15KCA PROTEC-PSOT15KCA Datasheet
93Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com