Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE8804 Datasheet(PDF) 3 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE8804
Description  NCE N-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE8804 Datasheet(HTML) 3 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE8804 Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8804 Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8804 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8804 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8804 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8804 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE8804 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
3
NCE8804
Pb Free Product
http://www.ncepower.com
Typical Electrical and Thermal Characteristics
Vgs
Rgen
Vin
G
Vdd
Rl
Vout
S
D
Figure 1:Switching Test Circuit
TJ-Junction Temperature(℃)
Figure 3 Power Dissipation
Vds Drain-Source Voltage (V)
Figure 5 Output Characteristics
VIN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
td(on)
90%
tr
ton
90%
10%
toff
td(off)
tf
90%
VIN
VOUT
10%
10%
50%
50%
PULSE WIDTH
INVERTED
td(on)
90%
90%
tr
ton
90%
10%
toff
td(off)
tf
90%
Figure 2:Switching Waveforms
ID- Drain Current (A)
Figure 6 Drain-Source On-Resistance
TJ-Junction Temperature(℃)
Figure 8 Drain-Source On-Resistance


Similar Part No. - NCE8804

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
NCE8 CIT-NCE8 Datasheet
252Kb / 3P
   CIT SWITCH
logo
Wuxi NCE Power Semicond...
NCE8050 NCEPOWER-NCE8050 Datasheet
358Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8060 NCEPOWER-NCE8060 Datasheet
414Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8060D NCEPOWER-NCE8060D Datasheet
343Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8098 NCEPOWER-NCE8098 Datasheet
365Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - NCE8804

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE3008M NCEPOWER-NCE3008M Datasheet
273Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0128D NCEPOWER-NCE0128D Datasheet
326Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE3080K NCEPOWER-NCE3080K Datasheet
355Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE55H11 NCEPOWER-NCE55H11 Datasheet
376Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE75H21T NCEPOWER-NCE75H21T Datasheet
354Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE2302 NCEPOWER-NCE2302 Datasheet
306Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE0160S NCEPOWER-NCE0160S Datasheet
401Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8050 NCEPOWER-NCE8050 Datasheet
358Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8205 NCEPOWER-NCE8205_14 Datasheet
449Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580 NCEPOWER-NCE8580 Datasheet
349Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
NCE8580D NCEPOWER-NCE8580D Datasheet
359Kb / 7P
   NCE N-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com