Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE4606A Datasheet(PDF) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE4606A
Description  N and P-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE4606A Datasheet(HTML) 1 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE4606A Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
1
NCE4606A
Pb Free Product
http://www.ncepower.com
N and P-Channel Enhancement Mode Power MOSFET
Description
The NCE4606A uses advanced trench technology to provide
excellent RDS(ON) and low gate charge . The complementary
MOSFETs may be used to form a level shifted high side
switch, and for a host of other applications.
General Features
● N-Channel
VDS = 30V,ID =6.5A
RDS(ON) < 30mΩ @ VGS=10V
● P-Channel
VDS = -30V,ID = -7A
RDS(ON) < 33mΩ @ VGS=-10V
High power and current handing capability
Lead free product is acquired
Surface mount package
Schematic diagram
Marking and pin assignment
SOP-8
top view
Package Marking and Ordering Information
Device Marking
Device
Device Package
Reel Size
Tape width
Quantity
NCE4606A
NCE4606A
SOP-8
Ø330mm
12mm
2500 units
Absolute Maximum Ratings (TA=25℃unless otherwise noted)
Parameter
Symbol
N-Channel
P-Channel
Unit
Drain-Source Voltage
VDS
30
-30
V
Gate-Source Voltage
VGS
±20
±20
V
TA=25℃
6.5
-7
Continuous Drain Current
TA=70℃
ID
5.4
-5.8
A
Pulsed Drain Current
(Note 1)
IDM
30
-30
A
Maximum Power Dissipation
TA=25℃
PD
2.0
2.0
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
-55 To 150
Thermal Characteristic
Thermal Resistance,Junction-to-Ambient
(Note2)
RθJA
N-Ch
62.5
/W
Thermal Resistance,Junction-to-Ambient
(Note2)
RθJA
P-Ch
62.5
/W
N-channel
P-channel


Similar Part No. - NCE4606A

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE4606 NCEPOWER-NCE4606 Datasheet
431Kb / 10P
   N and P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE4606 VBSEMI-NCE4606 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - NCE4606A

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com