Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE4606A Datasheet(PDF) 3 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE4606A
Description  N and P-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE4606A Datasheet(HTML) 3 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE4606A Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 8Page - Wuxi NCE Power Semiconductor Co., Ltd NCE4606A Datasheet HTML 9Page - Wuxi NCE Power Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
3
NCE4606A
Pb Free Product
http://www.ncepower.com
P-CH Electrical Characteristics (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-30
-33
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
-
-
-1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1.0
-1.4
-1.8
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-6.5A
-
28
33
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-6.5A
10
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
520
-
PF
Output Capacitance
Coss
-
100
-
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
-
65
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
7.5
-
nS
Turn-on Rise Time
tr
-
5.5
-
nS
Turn-Off Delay Time
td(off)
-
19
-
nS
Turn-Off Fall Time
tf
VDD=-15V, RL=2.3Ω
VGS=-10V,RGEN=6Ω
-
7
-
nS
Total Gate Charge
Qg
-
9.2
-
nC
Gate-Source Charge
Qgs
-
1.6
-
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-6.5A
VGS=-10V
-
2.2
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-6.5A
-
-
-1.2
V
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2 .
%
4.
Guaranteed by design, not subject to production


Similar Part No. - NCE4606A

ManufacturerPart #DatasheetDescription
logo
Wuxi NCE Power Semicond...
NCE4606 NCEPOWER-NCE4606 Datasheet
431Kb / 10P
   N and P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE4606 VBSEMI-NCE4606 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - NCE4606A

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com