Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV20082 Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV20082
Description  Operational Amplifier Low Power, Rail-to-Rail
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV20082 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV20082 Datasheet HTML 5Page - ON Semiconductor NCV20082 Datasheet HTML 6Page - ON Semiconductor NCV20082 Datasheet HTML 7Page - ON Semiconductor NCV20082 Datasheet HTML 8Page - ON Semiconductor NCV20082 Datasheet HTML 9Page - ON Semiconductor NCV20082 Datasheet HTML 10Page - ON Semiconductor NCV20082 Datasheet HTML 11Page - ON Semiconductor NCV20082 Datasheet HTML 12Page - ON Semiconductor NCV20082 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
NCS20081, NCV20081, NCS20082, NCV20082, NCS20084, NCV20084
www.onsemi.com
9
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, RL ≥ 10 kW, VCM = VOUT = mid−supply unless otherwise specified
Figure 8. Phase Margin vs. Capacitive Load
Figure 9. THD + N vs. Output Voltage
CAPACITIVE LOAD (pF)
OUTPUT VOLTAGE (Vpp)
500
400
300
200
100
0
0
10
20
30
40
50
60
1
0.1
0.01
0.0001
0.001
0.01
0.1
1
10
100
Figure 10. THD + N vs. Frequency
Figure 11. Input Voltage Noise vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
100k
10k
1k
100
10
0.001
0.01
0.1
1
100k
10k
1k
100
10
1
0
100
200
300
400
500
600
Figure 12. Input Current Noise vs. Frequency
Figure 13. PSRR vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
100k
10k
1k
100
10
1
0
100
300
400
500
600
800
900
1M
100k
10k
1k
100
10
0
40
120
VS = 5.5 V
RL = 10 kW
T = 25
°C
VS = 1.8 V
VS = 3.3 V
VS = 5.5 V
AV = 1
VS = 5.5 V
200
700
20
60
80
VS = 5.5 V
fIN = 1 kHz
AV = 1
VS = 5.5 V
VS = 5.5 V, PSRR+
VS = 5.5 V, PSRR−
VS = 1.8 V, PSRR+
VS = 1.8 V, PSRR−
100


Similar Part No. - NCV20082

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV20082DMR2G ONSEMI-NCV20082DMR2G Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
NCV20082DR2G ONSEMI-NCV20082DR2G Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
NCV20082DTBR2G ONSEMI-NCV20082DTBR2G Datasheet
754Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
More results

Similar Description - NCV20082

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20091 ONSEMI-NCS20091 Datasheet
686Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20061 ONSEMI-NCS20061 Datasheet
775Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
logo
Guangdong Youtai Semico...
LMV321 UMW-LMV321 Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
ON Semiconductor
NCV952 ONSEMI-NCV952 Datasheet
1Mb / 10P
   Operational Amplifier Low Power, Rail-to-Rail
July, 2015 ??Rev. 3
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5741 E-CMOS-EC5741 Datasheet
858Kb / 15P
   Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com