Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS20092 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCS20092
Description  Operational Amplifier Low Power, Rail-to-Rail
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS20092 Datasheet(HTML) 4 Page - ON Semiconductor

  NCS20092 Datasheet HTML 1Page - ON Semiconductor NCS20092 Datasheet HTML 2Page - ON Semiconductor NCS20092 Datasheet HTML 3Page - ON Semiconductor NCS20092 Datasheet HTML 4Page - ON Semiconductor NCS20092 Datasheet HTML 5Page - ON Semiconductor NCS20092 Datasheet HTML 6Page - ON Semiconductor NCS20092 Datasheet HTML 7Page - ON Semiconductor NCS20092 Datasheet HTML 8Page - ON Semiconductor NCS20092 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NCS20091, NCV20091, NCS20092, NCV20092, NCS20094, NCV20094
www.onsemi.com
4
ABSOLUTE MAXIMUM RATINGS (Note 1)
Rating
Symbol
Limit
Unit
Supply Voltage (VDD – VSS) (Note 2)
VS
7
V
Input Voltage
VI
VSS − 0.5 to VDD + 0.5
V
Differential Input Voltage
VID
±Vs
V
Maximum Input Current
II
±10
mA
Maximum Output Current
IO
±100
mA
Continuous Total Power Dissipation (Note 2)
PD
200
mW
Maximum Junction Temperature
TJ
150
°C
Storage Temperature Range
TSTG
−65 to 150
°C
Mounting Temperature (Infrared or Convection – 20 sec)
Tmount
260
°C
ESD Capability (Note 3)
Human Body Model
Machine Model
Charge Device Model
ESDHBM
ESDMM
ESDCDM
2000
100
2000
V
Latch−Up Current (Note 4)
ILU
100
mA
Moisture Sensitivity Level (Note 5)
MSL
Level 1
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS for Safe Operating Area.
2. Continuous short circuit operation to ground at elevated ambient temperature can result in exceeding the maximum allowed junction
temperature of 150
°C. Output currents in excess of the maximum output current rating over the long term may adversely affect reliability.
Shorting output to either VDD or VSS will adversely affect reliability.
3. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per AEC−Q100−002 (JEDEC standard: JESD22−A114)
ESD Machine Model tested per AEC−Q100−003 (JEDEC standard: JESD22−A115)
4. Latch−up Current tested per JEDEC standard: JESD78
5. Moisture Sensitivity Level tested per IPC/JEDEC standard: J
-STD-020A
THERMAL INFORMATION
Parameter
Symbol
Channels
Package
Single Layer
Board (Note 6)
Multi−Layer
Board (Note 7)
Unit
Junction to Ambient
Thermal Resistance
qJA
Single
SC−70
°C/W
SOT23−5/TSOP−5
UDFN6
Dual
Micro8/MSOP8
236
167
SOIC−8
190
131
TSSOP−8
253
194
Quad
SOIC−14
SOP−14
TSSOP−14
6. Value based on 1S standard PCB according to JEDEC51−3 with 1.0 oz copper and a 300 mm2 copper area
7. Value based on 1S2P standard PCB according to JEDEC51−7 with 1.0 oz copper and a 100 mm2 copper area
OPERATING RANGES
Parameter
Symbol
Min
Max
Unit
Operating Supply Voltage
VS
1.8
5.5
V
Differential Input Voltage
VID
VS
V
Input Common Mode Range
VICM
VSS – 0.2
VDD + 0.2
V
Ambient Temperature
TA
−40
125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NCS20092

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20092DMR2G ONSEMI-NCS20092DMR2G Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20092DR2G ONSEMI-NCS20092DR2G Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
NCS20092DTBR2G ONSEMI-NCS20092DTBR2G Datasheet
685Kb / 20P
   Operational Amplifier, Rail-to-Rail Input
August, 2016 ??Rev. 4
More results

Similar Description - NCS20092

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS20061 ONSEMI-NCS20061 Datasheet
775Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
NCS20081 ONSEMI-NCS20081 Datasheet
753Kb / 20P
   Operational Amplifier Low Power, Rail-to-Rail
October, 2015 ??Rev. 1
logo
Guangdong Youtai Semico...
LMV321 UMW-LMV321 Datasheet
2Mb / 10P
   Low-Power rail-to-rail Operational Amplifier
logo
ON Semiconductor
NCV952 ONSEMI-NCV952 Datasheet
1Mb / 10P
   Operational Amplifier Low Power, Rail-to-Rail
July, 2015 ??Rev. 3
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5721 E-CMOS-EC5721 Datasheet
851Kb / 13P
   1MHz, Low Power, CMOS, Rail-to-Rail Operational Amplifier
EC5741 E-CMOS-EC5741 Datasheet
858Kb / 15P
   Super Low Power, CMOS, Rail-to-Rail Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com