Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV7754 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCV7754
Description  Octal Low-Side Relay Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV7754 Datasheet(HTML) 4 Page - ON Semiconductor

  NCV7754 Datasheet HTML 1Page - ON Semiconductor NCV7754 Datasheet HTML 2Page - ON Semiconductor NCV7754 Datasheet HTML 3Page - ON Semiconductor NCV7754 Datasheet HTML 4Page - ON Semiconductor NCV7754 Datasheet HTML 5Page - ON Semiconductor NCV7754 Datasheet HTML 6Page - ON Semiconductor NCV7754 Datasheet HTML 7Page - ON Semiconductor NCV7754 Datasheet HTML 8Page - ON Semiconductor NCV7754 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
NCV7754
http://onsemi.com
4
PACKAGE PIN DESCRIPTION
SSOP−24
Symbol
Description
1
GND
Ground. (fused)
2
GND
Ground. (fused)
3
OUT1
Channel 1 low−side drive output. Requires an external pull−up device for operation.
4
OUT2
Channel 2 low−side drive output. Requires an external pull−up device for operation.
5
OUT3
Channel 3 low−side drive output. Requires an external pull−up device for operation.
6
OUT4
Channel 4 low−side drive output. Requires an external pull−up device for operation.
7
OUT5
Channel 5 low−side drive output. Requires an external pull−up device for operation.
8
OUT6
Channel 6 low−side drive output. Requires an external pull−up device for operation.
9
OUT7
Channel 7 low−side drive output. Requires an external pull−up device for operation.
10
OUT8
Channel 8 low−side drive output. Requires an external pull−up device for operation.
11
GND
Ground. (fused)
12
GND
Ground. (fused)
13
VDD
Digital Power Supply for SO output (3.3 V or 5 V).
14
IN4
Parallel control of OUT4 and OUT8
Ground if not used for best EMI performance.
Alternatively keep open and internal pull−down will hold the input low.
(120 k
W pull down resistor).
15
IN3
Parallel control of OUT3 and OUT7
Ground if not used for best EMI performance.
Alternatively keep open and internal pull−down will hold the input low.
(120 k
W pull down resistor).
16
IN2
Parallel control of OUT2 and OUT6.
Ground if not used for best EMI performance.
Alternatively keep open and internal pull−down will hold the input low.
(120 k
W pull down resistor).
17
IN1
Parallel control of OUT1 and OUT5.
Ground if not used for best EMI performance.
Alternatively keep open and internal pull−down will hold the input low.
(120 k
W pull down resistor).
18
LHI
Limp Home Input. Active High.
A high on this pin powers up the device and activates the respective output drive INx designator while
disabling outputs OUT5−OUT8.
Input SPI commands are ignored, but the output register reports faults.
(Read capability only. No write capability.)
All registers are reset coming out of LHI mode.
Ground if not used for best EMI performance.
Alternatively keep open and internal pull−down resistor (120 k
W) will hold the input low.
19
SO
SPI serial data output. Output high voltage level referenced to pin VDD.
20
SCLK
SPI clock (120 k
W pull down resistor).
21
EN
Global Enable (active high). (120 k
W pull down resistor).
22
SI
SPI serial data input (120 k
W pull down resistor).
23
CSB
SPI Chip Select ”Bar” (120 k
W pull up resistor to VDD).
24
VDDA
Analog Power Supply Input voltage (5 V).


Similar Part No. - NCV7754

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7754 ONSEMI-NCV7754 Datasheet
385Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 2
NCV7754DPR2G ONSEMI-NCV7754DPR2G Datasheet
385Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 2
NCV7754 ONSEMI-NCV7754_17 Datasheet
385Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 2
More results

Similar Description - NCV7754

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7240 ONSEMI-NCV7240_16 Datasheet
233Kb / 27P
   Octal Low-Side Relay Driver
September, 2016 ??Rev. 8
NCV7240DPR2G ONSEMI-NCV7240DPR2G Datasheet
278Kb / 26P
   Octal Low-Side Relay Driver
July, 2013 ??Rev. 3
NCV7240 ONSEMI-NCV7240_17 Datasheet
235Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 11
NCV7754 ONSEMI-NCV7754_17 Datasheet
385Kb / 27P
   Octal Low-Side Relay Driver
November, 2017 ??Rev. 2
logo
NXP Semiconductors
TJA1010 PHILIPS-TJA1010 Datasheet
105Kb / 16P
   Octal Low Side Driver OLSD
1998 Feb 09
logo
ON Semiconductor
NCV7750 ONSEMI-NCV7750 Datasheet
378Kb / 29P
   Quad Low-Side Relay Driver
December, 2018 ??Rev. 1
NCV7608 ONSEMI-NCV7608 Datasheet
305Kb / 27P
   Octal Configurable Low/High Side Driver
June, 2013 ??Rev. 3
NCV7608 ONSEMI-NCV7608_17 Datasheet
257Kb / 27P
   Octal Configurable Low/High Side Driver
February, 2017 ??Rev. 4
logo
STMicroelectronics
VN808CM STMICROELECTRONICS-VN808CM Datasheet
286Kb / 14P
   LOW THRESHOLD OCTAL HIGH SIDE DRIVER
L9848 STMICROELECTRONICS-L9848 Datasheet
207Kb / 18P
   OCTAL CONFIGURABLE LOW/HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com