Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2005SN1T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCS2005SN1T1G
Description  Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2005SN1T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCS2005SN1T1G Datasheet HTML 2Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 3Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 4Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 5Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 6Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 7Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 8Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 9Page - ON Semiconductor NCS2005SN1T1G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCS2005
www.onsemi.com
6
TYPICAL CHARACTERISTICS
Figure 1. Quiescent Current Per Channel vs.
Supply Voltage
Figure 2. Input Offset Voltage vs. Common
Mode Input Voltage
SUPPLY VOLTAGE (V)
INPUT VOLTAGE (V)
35
30
25
20
15
10
5
0
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.15
0.65
0.15
−0.35
−0.85
−1.35
−0.15
−0.05
0
0.05
0.15
0.20
0.30
0.35
Figure 3. Input Offset Voltage vs. Common
Mode Input Voltage
Figure 4. Input Offset Voltage vs. Common
Mode Voltage
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
2.5
1.5
0.5
−0.5
−1.5
−2.5
−0.15
−0.10
0
0.05
0.15
0.20
0.25
0.35
5
3
2
1
0
−2
−3
−5
−0.15
−0.10
0
0.05
0.15
0.20
0.30
0.35
Figure 5. Gain and Phase vs. Frequency
Figure 6. CMRR vs. Frequency
FREQUENCY (Hz)
FREQUENCY (Hz)
10M
1M
100M
100K
10K
1K
100
10
−100
−80
−40
−20
0
40
80
100
10M
1M
100M
100K
10K
1K
100
10
0
20
40
60
80
100
120
VS = 2.7 V
VS = 5.0 V
VS = 10 V
T = 25
°C
RL = 10 kW
T = −40
°C
T = 125
°C
T = 25
°C
T = 85
°C
T = −40
°C
T = 125
°C
T = 25
°C
T = 85
°C
−0.10
0.10
0.25
T = −40
°C
T = 125
°C
T = 25
°C
T = 85
°C
−0.05
0.10
0.30
T = −40
°C
T = 125
°C
T = 25
°C
T = 85
°C
4
−1
−4
−0.05
0.10
0.25
−60
20
60
VS = 5 V
RL = 10 kW
TA = 25°C
Gain, CL = 15 pF
Gain, CL = 200 pF
Gain, CL = 1 nF
Phase, CL = 15 pF
Phase, CL = 200 pF
Phase, CL = 1 nF
−180
0
360
−90
90
270
180
VS = ±13.5 V
VS = ±2.5 V
VS = ±5 V


Similar Part No. - NCS2005SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2005SN1T1G ONSEMI-NCS2005SN1T1G Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005SN1T1G ONSEMI-NCS2005SN1T1G Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
More results

Similar Description - NCS2005SN1T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
   Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
LM7301 ONSEMI-LM7301_14 Datasheet
380Kb / 12P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Texas Instruments
LM7301 TI1-LM7301_16 Datasheet
1Mb / 28P
[Old version datasheet]   LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
LM7341 TI-LM7341_15 Datasheet
900Kb / 27P
[Old version datasheet]   Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Texas Instruments
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com