Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2005 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCS2005
Description  Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2005 Datasheet(HTML) 3 Page - ON Semiconductor

  NCS2005 Datasheet HTML 1Page - ON Semiconductor NCS2005 Datasheet HTML 2Page - ON Semiconductor NCS2005 Datasheet HTML 3Page - ON Semiconductor NCS2005 Datasheet HTML 4Page - ON Semiconductor NCS2005 Datasheet HTML 5Page - ON Semiconductor NCS2005 Datasheet HTML 6Page - ON Semiconductor NCS2005 Datasheet HTML 7Page - ON Semiconductor NCS2005 Datasheet HTML 8Page - ON Semiconductor NCS2005 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
NCS2005
www.onsemi.com
3
Table 5. ELECTRICAL CHARACTERISTICS AT 10 V SUPPLY Unless otherwise noted, values are referenced to TA = 25
°C, V+ =
10 V, V− = 0 V, VCM = V+/2, and RL > 1 MW to V+/2. Boldface limits apply from TA = −40°C to 125°C. (Notes 8, 9)
Parameter
Test Conditions
Symbol
Min
Typ
Max
Units
SUPPLY CHARACTERISTICS
Quiescent Supply Current
No load
IS
1.30
1.5
mA
1.7
Power Supply Rejection Ratio
VS = 2.7 V to 30 V
PSRR
113
dB
70
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
0.2
6
mV
6
Input Offset Voltage Drift
DV/DT
1
mV/°C
Input Bias Current
VCM = 0 V
IIB
50
200
nA
200
VCM = 10 V
50
200
200
Input Offset Current
VCM = 0 V
IOS
2
70
nA
80
VCM = 10 V
2
70
80
Input Resistance
RIN
95
M
W
Input Capacitance
CIN
3
pF
Common Mode Rejection Ratio
VCM = V− to V+
CMRR
73
84
dB
OUTPUT CHARACTERISTICS
High−level output voltage
IL = 10 mA
VOH
9.65
9.80
V
Low−Level Output Voltage
IL = 10 mA
VOL
176
300
mV
Output Current Capability
Sourcing current
IOUT
12
mA
Sinking current
20
DYNAMIC PERFORMANCE
Open Loop Voltage Gain
RL = 10 kW
AVOL
83
107
dB
Gain−Bandwidth Product
RL = 10 kW
GBWP
8.5
MHz
Gain Margin
RL = 10 kW
AM
5.5
dB
Phase Margin
RL = 10 kW
yM
65
°
Slew Rate
RL = 10 kW
SR
2.8
V/
ms
Total Harmonic Distortion Plus Noise
fIN = 1 kHz, AV = 2, RL = 2 kW
THD+n
0.0015
%
NOISE PERFORMANCE
Voltage Noise Density
f = 1 kHz
eN
45
nV/
√Hz
8. Refer to ABSOLUTE MAXIMUM RATINGS and APPLICATION INFORMATION for Safe Operating Area.
9. Performance guaranteed over the indicated operating temperature range by design and/or characterization tested at TJ = TA = 25°C.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NCS2005

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005 Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
NCS2005SN1T1G ONSEMI-NCS2005SN1T1G Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005SN1T1G ONSEMI-NCS2005SN1T1G Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
More results

Similar Description - NCS2005

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2005 ONSEMI-NCS2005_16 Datasheet
458Kb / 10P
   Operational Amplifier, Low Power, 8 MHz GBW Rail-to-Rail Input-Output
January, 2016 ??Rev. 1
NCS2005 ONSEMI-NCS2005_V01 Datasheet
573Kb / 11P
   Operational Amplifier, Low Power, 8 MHz GBW, Rail-to-Rail Input-Output
March, 2019 - Rev. 2
LM7301 ONSEMI-LM7301 Datasheet
380Kb / 12P
   Low Power 4 MHz GBW Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
LM7301 ONSEMI-LM7301_14 Datasheet
380Kb / 12P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier
July, 2014 ??Rev. 4
logo
National Semiconductor ...
LM7301 NSC-LM7301 Datasheet
263Kb / 11P
   Low Power, 4 MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in TinyPak??Package
logo
Texas Instruments
LM7301 TI1-LM7301_16 Datasheet
1Mb / 28P
[Old version datasheet]   LM7301 Low Power, 4-MHz GBW, Rail-to-Rail Input-Output Operational Amplifier in SOT-23 Package
LM7341 TI-LM7341_15 Datasheet
900Kb / 27P
[Old version datasheet]   Rail-to-Rail Input/Output 짹15V, 4.6 MHz GBW, Operational Amplifier in SOT-23 Package
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Texas Instruments
TSV911 TI1-TSV911_17 Datasheet
1Mb / 28P
[Old version datasheet]   Rail-to-Rail Input/Output, 8-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com