Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCS2004 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCS2004
Description  Wide Supply Rail-to-Rail Output Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS2004 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCS2004 Datasheet HTML 2Page - ON Semiconductor NCS2004 Datasheet HTML 3Page - ON Semiconductor NCS2004 Datasheet HTML 4Page - ON Semiconductor NCS2004 Datasheet HTML 5Page - ON Semiconductor NCS2004 Datasheet HTML 6Page - ON Semiconductor NCS2004 Datasheet HTML 7Page - ON Semiconductor NCS2004 Datasheet HTML 8Page - ON Semiconductor NCS2004 Datasheet HTML 9Page - ON Semiconductor NCS2004 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NCS2004, NCS2004A
www.onsemi.com
6
5
0
10
203040
50
60
70
80
LOW LEVEL OUTPUT CURRENT (mA)
Figure 7. VOL vs. Iout
25
°C
−40
°C
105
°C
VDD = 5.0 V
4
3
2
1
0
5
0
10
203040
50
60
70
80
4
3
2
1
0
HIGH LEVEL OUTPUT CURRENT (mA)
Figure 8. VOH vs. Iout
VDD = 5.0 V
25
°C
−40
°C
105
°C
10
0
10
203040
50
60
70
80
LOW LEVEL OUTPUT CURRENT (mA)
Figure 9. 10 V VOL vs. Iout
VDD = 10 V
25
°C
105
°C
−40
°C
10
0
10
20
3040
5060 70
80
HIGH LEVEL OUTPUT CURRENT (mA)
Figure 10. 10 V VOH vs. Iout
VDD = 10 V
25
°C
105
°C
−40
°C
12
0.01
0.1
1
10
100
1k
10k
FREQUENCY (kHz)
Figure 11. Peak−to−Peak Output vs. Supply vs.
Frequency
VDD = 10 V
VDD = 5 V
VDD = 2.7 V
AV = 10
RL = 2k
CL = 10 pF
TA = 25°C
THD = 5%
11
10
9
8
7
6
5
4
3
2
1
0
02
4
6
8
SUPPLY VOLTAGE (V)
Figure 12. Supply Current vs. Supply Voltage
600
500
400
300
200
100
0
10
12
14
16
18
25
°C
105
°C
−40
°C
9
8
7
6
5
4
3
2
1
0
90
100 110 120
VDD = 2.5 V
9
8
7
6
5
4
3
2
1
0


Similar Part No. - NCS2004

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS2001 ONSEMI-NCS2001 Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
NCS2001 ONSEMI-NCS2001 Datasheet
206Kb / 17P
   0.9 V, Rail?뭪o?뭃ail, Single Operational Amplifier
January, 2007 ??Rev. 15
NCS2001 ONSEMI-NCS2001 Datasheet
184Kb / 16P
   Rail-to-Rail, Single Operational Amplifier
June, 2013 ??Rev. 17
NCS2001 ONSEMI-NCS2001 Datasheet
141Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
January, 2017 ??Rev. 18
NCS2001D ONSEMI-NCS2001D Datasheet
127Kb / 16P
   0.9 V, Rail-to-Rail, Single Operational Amplifier
September, 2004 ??Rev. 12
More results

Similar Description - NCS2004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8226 AD-AD8226_16 Datasheet
707Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8426 AD-AD8426_16 Datasheet
625Kb / 29P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
NJM8202 NJRC-NJM8202 Datasheet
336Kb / 10P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
INA827 TI1-INA827_13 Datasheet
1Mb / 30P
[Old version datasheet]   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
logo
Analog Devices
AD8227 AD-AD8227 Datasheet
657Kb / 24P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. 0
AD8426 AD-AD8426 Datasheet
284Kb / 20P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrD
AD8226ARMZ AD-AD8226ARMZ Datasheet
685Kb / 28P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
REV. A
AD8227 AD-AD8227_16 Datasheet
539Kb / 25P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
AD8226 AD-AD8226 Datasheet
547Kb / 16P
   Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com