Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTW24N40E Datasheet(PDF) 3 Page - ON Semiconductor

Part # MTW24N40E
Description  N?묬hannel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTW24N40E Datasheet(HTML) 3 Page - ON Semiconductor

  MTW24N40E Datasheet HTML 1Page - ON Semiconductor MTW24N40E Datasheet HTML 2Page - ON Semiconductor MTW24N40E Datasheet HTML 3Page - ON Semiconductor MTW24N40E Datasheet HTML 4Page - ON Semiconductor MTW24N40E Datasheet HTML 5Page - ON Semiconductor MTW24N40E Datasheet HTML 6Page - ON Semiconductor MTW24N40E Datasheet HTML 7Page - ON Semiconductor MTW24N40E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MTW24N40E
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
1020
304050
0
2.0
4.0
6.0
8.0
10
0
20
30
40
50
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 1. On−Region Characteristics
2.0
3.0
3.5
4.0
4.5
5.0
0
20
30
40
50
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 2. Transfer Characteristics
0
102030
4050
0
0.1
0.2
0.3
0.4
0.12
0.13
0.15
0.17
0.19
ID, DRAIN CURRENT (AMPS)
Figure 3. On−Resistance versus Drain Current
and Temperature
ID, DRAIN CURRENT (AMPS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
−50
0
1.0
2.0
2.5
3.0
0
100
200
300
400
1
10
100
1000
10000
TJ, JUNCTION TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 6. Drain−To−Source Leakage
Current versus Voltage
−25
0
25
50
75
100
125
150
VGS = 0 V
VGS = 10 V
ID = 12 A
TJ = 25°C
10
9 V
8 V
7 V
6 V
5 V
4 V
VGS = 10 V
VDS ≥ 10 V
100°C
25°C
TJ = − 55°C
10
5.5
6.0
6.5
7.0
2.5
0.05
0.15
0.25
0.35
TJ = 100°C
25°C
−55°C
VGS = 10 V
0.14
0.16
0.18
TJ = 25°C
VGS = 10 V
0.5
1.5
TJ = 125°C
100°C
25°C
15 V


Similar Part No. - MTW24N40E

ManufacturerPart #DatasheetDescription
Motorola, Inc
Motorola, Inc
MTW24N40E MOTOROLA-MTW24N40E Datasheet
174Kb / 8P
   TMOS POWER FET 24 AMPERES 400 VOLTS RDS(on) = 0.16 OHM
More results

Similar Description - MTW24N40E

ManufacturerPart #DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
Fairchild Semiconductor
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
Seme LAB
Seme LAB
IRFM240 SEME-LAB-IRFM240 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
List of Unclassifed Manufacturers
List of Unclassifed Man...
IRF40N03 ETC1-IRF40N03 Datasheet
90Kb / 4P
   N-CHANNEL Power MOSFET
Seme LAB
Seme LAB
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com