Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MTW24N40E Datasheet(PDF) 2 Page - ON Semiconductor

Part # MTW24N40E
Description  N?묬hannel Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTW24N40E Datasheet(HTML) 2 Page - ON Semiconductor

  MTW24N40E Datasheet HTML 1Page - ON Semiconductor MTW24N40E Datasheet HTML 2Page - ON Semiconductor MTW24N40E Datasheet HTML 3Page - ON Semiconductor MTW24N40E Datasheet HTML 4Page - ON Semiconductor MTW24N40E Datasheet HTML 5Page - ON Semiconductor MTW24N40E Datasheet HTML 6Page - ON Semiconductor MTW24N40E Datasheet HTML 7Page - ON Semiconductor MTW24N40E Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MTW24N40E
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−Source Breakdown Voltage
(VGS = 0 Vdc, ID = 250 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
400
360
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 400 Vdc, VGS = 0 Vdc)
(VDS = 400 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
10
100
µAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS (Note 1.)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
7.0
4.0
Vdc
mV/
°C
Static Drain−Source On−Resistance (VGS = 10 Vdc, ID = 12 Adc)
RDS(on)
0.13
0.16
Ohm
Drain−Source On−Voltage (VGS = 10 Vdc)
(ID = 24 Adc)
(ID = 12 Adc, TJ =125°C)
VDS(on)
4.5
4.3
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 12 Adc)
gFS
11
17
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(V
25 Vd
V
0Vd
Ciss
4000
5600
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
530
740
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
112
220
SWITCHING CHARACTERISTICS (Note 2.)
Turn−On Delay Time
td(on)
32
60
ns
Rise Time
(VDD 200= Vdc, ID = 24 Adc,
VGS =10Vdc
tr
96
204
Turn−Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
99
194
Fall Time
RG
9.1
Ω)
tf
92
186
Gate Charge
(See Figure 8)
QT
98
160
nC
(VDS = 320 Vdc, ID = 24 Adc,
VGS = 10 Vdc)
Q1
24
VGS = 10 Vdc)
Q2
38
Q3
40
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage (Note 1.)
(IS = 24 Adc, VGS = 0 Vdc)
(IS = 24 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.94
0.9
1.5
Vdc
Reverse Recovery Time
(S
Fi
14)
trr
372
ns
(See Figure 14)
(I
24 Adc V
0 Vdc
ta
244
(IS = 24 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
128
Reverse Recovery Stored
Charge
dIS/dt = 100 A/µs)
QRR
5.3
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
13
nH
1. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
2. Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTW24N40E

ManufacturerPart #DatasheetDescription
Motorola, Inc
Motorola, Inc
MTW24N40E MOTOROLA-MTW24N40E Datasheet
174Kb / 8P
   TMOS POWER FET 24 AMPERES 400 VOLTS RDS(on) = 0.16 OHM
More results

Similar Description - MTW24N40E

ManufacturerPart #DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
2SK3597-01 SANYO-2SK3597-01 Datasheet
110Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
2SK3685-01 SANYO-2SK3685-01 Datasheet
109Kb / 4P
   POWER MOSFET N-CHANNEL SILICON POWER MOSFET
Fairchild Semiconductor
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
Seme LAB
Seme LAB
IRFM240 SEME-LAB-IRFM240 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
List of Unclassifed Manufacturers
List of Unclassifed Man...
IRF40N03 ETC1-IRF40N03 Datasheet
90Kb / 4P
   N-CHANNEL Power MOSFET
Seme LAB
Seme LAB
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com