Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S6510P Datasheet(PDF) 3 Page - AUK corp

Part # S6510P
Description  SIMPLE BALLAST CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S6510P Datasheet(HTML) 3 Page - AUK corp

  S6510P Datasheet HTML 1Page - AUK corp S6510P Datasheet HTML 2Page - AUK corp S6510P Datasheet HTML 3Page - AUK corp S6510P Datasheet HTML 4Page - AUK corp S6510P Datasheet HTML 5Page - AUK corp S6510P Datasheet HTML 6Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
KSI-L014-000
3
S6510P
ABSOLUTE MAXIMUM RATINGS
CHARACTERISTICS
SYMBOL
VALUE
UNITS
Supply Voltage
Vcc
18
V
Peak Drive Output Current
Ioh, IoI
±
400
mA
Driver Output Clamping Diodes Vo>Vcc> or Vo<-0.3V
Iclamp
±
10
mA
Soft Start and No lamp detection Input Voltage
Vin
-0.3 to 6
V
Power Dissipation
Pd
0.8
W
THERMAL DATA
THERMAL RESISTANCE JUNCTION-AMBIENT
Rth(j-amb)
100
/W
Electrical Characteristics
Vcc=12V, 0℃≤Ta≤105℃, unless otherwise stated.
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
SUPPLY VOLTAGE & CURRENT SECTION
Start Threshold Voltage
Vth(st)
Vcc Increasing
9.5
10.5
11.5
V
UVLO Hysteresis
HT(st)
-
1.5
2.5
3.5
V
Start up Supply Current
Ist
Vcc=9V
20
50
80
uA
Operating Supply Current
Icc
Output not switching
-
3
6
mA
Dynamic Operating Supply Current
Idcc
50kHz, CI=1nF
-
5
10
mA
Maximum Supply Voltage
Vcc(max)
Icc=30mA
17
18
19
V
ERROR AMPLIFIER SECTION
Voltage Feedback Input Threshold
Vref
Iref=0mA, Ta=25℃
1.95
2
2.05
V
Line Regulation
Vref1
12V≤Vcc≤17V
0
0.1
10
mV
Temperature Stability of Vref
Vref2
Temp= 0℃ to 75℃
-
15
-
mV
SOFT START SECTION
Soft start Timing Current
Ics
Cs=0V, Ct=0V
0.5
2.5
5
uA
Rs Buffer Voltage
Vrs
Rs=22K
1.9
2
2.1
V
OSCILLATOR SECTION
Operating Frequency
fos
Vcs=3V, Ct=470pF
40
45
50
kHz
Operating Dead Time
tod
Vcs=3V, Ct=470pF
1
1.5
2
us
Soft Start Frequency
fss
Vcs=0V, Rs=22K
65
70
75
kHz
Initial Soft Start Dead Time
tsd
Vcs=0V, Rs=22K
0.5
1
1.5
us


Similar Part No. - S6510P

ManufacturerPart #DatasheetDescription
logo
AUK corp
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
List of Unclassifed Man...
S6510MG ETC2-S6510MG Datasheet
50Kb / 1P
   Visible Wavelength Laserdiode
logo
Roithner LaserTechnik G...
S6510MG ROITHNER-S6510MG Datasheet
370Kb / 5P
   Infrared Laser Diode
More results

Similar Description - S6510P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
logo
AUK corp
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Samsung semiconductor
KA7540 SAMSUNG-KA7540 Datasheet
104Kb / 14P
   Simple Dimming Ballast Control IC
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621_10 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
PT5611 PTC-PT5611 Datasheet
338Kb / 4P
   Dimming Ballast Controller IC
PT5621 PTC-PT5621 Datasheet
835Kb / 4P
   Three-Way Ballast Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com