Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLVU2.8-4 Datasheet(PDF) 2 Page - Diotech Company.

Part No. SLVU2.8-4
Description  Low Capacitance TVS Diode Array
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DIOTECH [Diotech Company.]
Homepage  http://www.kdiode.com
Logo 

SLVU2.8-4 Datasheet(HTML) 2 Page - Diotech Company.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
(V)
(V)
@5A
(µA)
(pF)
(max.) (min.)
(mA)
(max.) (max.)
(@A)
(max.)
(typ.)
24
1
3
2.8
3.0
1
8.5
15
SLVU2.8-4
Storage Temperature Range
TSTG
-55 ~ 150
UNITS
Peak Pulse Power (tp=8/20µs waveform)
TJ
-55 ~ 150
MAXIMUM RATINGS (@ 25℃ Unless Otherwise Specified)
Lead Soldering Temperature
Operating Temperature Range
VC
IT
TL
260 (10 sec.)
DEVICE CHARACTERISTICS
VB
PART NUMBER
DEVICE
MARKING
VRWM
400
Watts
PARAMETER
SYMBOL
VALUE
PPP
ELECTRICAL CHARACTERISTICS PER LINE (@ 25℃ Unless Otherwise Specified)
VC
IR
CT
SLVU
2.8-4
SLVU2.8-4
Version 07/30/2008
2
SLVU2.8-4
Version 07/30/2008
2
SLVU2.8-4


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn