Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S339 Datasheet(PDF) 1 Page - AUK corp

Part No. S339
Description  Quad Voltage Comparator
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AUK [AUK corp]
Homepage  https:www.auk.co.kr
Logo 

S339 Datasheet(HTML) 1 Page - AUK corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KSI-K002-000
1
S339
Quad Voltage Comparator
f
Description
The S339 consists of four independent voltage comparators designed to operate from
a single power supply over a wide voltage range.
Features
• Single Supply Operation: 2V to 36V.
• Dual Supply Operation: ±1V to ±18V.
• Allow Comparison of Voltages Near Ground Potential.
• Low Current Drain 800uA Typ.
• Compatible with all Forms of Logic.
• Low Input Bias Current: 25nA Typ.
• Low Input Offset Current: ±5nA Typ.
• Low Offset Voltage: ±1mV Typ.
Applications
• Transducer amplifier
• DC gain blocks
• Conventional operational amplifiers
Ordering Information
Type NO.
Marking
Package Code
S339
S339
SOP-14
Outline Dimensions
unit : mm
A
S
Seem
miiccoon
nd
du
uccttoorr
Block Diagram


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
S339PQuad Voltage Comparator 1 2 3 AUK corp
AU2901Quad voltage comparator 1 2 3 4 5 MoreNXP Semiconductors
ALD4302AQUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
ALD4303QUAD PRECISION MICROPOWER CMOS VOLTAGE COMPARATOR WITH DRIVER 1 2 3 4 5 MoreAdvanced Linear Devices
DBL339QUAD VOLTAGE COMPARATOR 1 2 3 4 5 MoreDaewoo Semiconductor
LM139Quad voltage comparator 1 2 3 4 5 MoreNXP Semiconductors
TS2901Quad Voltage Comparator 1 2 3 4 5 MoreTaiwan Semiconductor Company, Ltd

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn