Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1301070033 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1301070033
Description  Super-Safeway Assembled Rubber Stringlight 200W 14/3 SOOW 1.52m
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301070033 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301070033 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301070033
Status:
Active
Overview:
Stringlights
Description:
Super-Safeway™ Assembled Rubber Stringlight 200W 14/3 SOOW 1.52m (5.0') Lead
with Guard 3.04m (10.0'), Overall Length 30.48m (100.0')
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR85374
General
Product Family
Portable Lighting
Series
130107
NEMA Configuration
NEMA L5-20
NEMA Rating
Rain Tight
Outlet
None
Overview
Stringlights
Product Literature Order No
987650-8055
Product Name
Super-Safeway™
Type
String Lights
UPC
78678879858
Woodhead
Yes
Physical
Cord Length - Primary
3.04m (10.0')
Cord Length - Secondary
N/A
Depth
46.48mm (1.830")
Duty
Industrial
Guard Included
362
Guard Type
N/A
Height
101.60mm (4.000")
Length
30.48m (100.0')
Material - Guard
#8 Gauge Zinc-plated Steel
Mounting Style
Stringer
Packaging Type
Carton
Socket Construction
Assembled
Electrical
Bulb Type
Incandescent
Cord Type - Primary
12/3 SOOW
Lamp Type
A21
Lamp Wattage - Maximum
200W
Lumens
2000
On/Off Switch
No
Voltage (Fixture) - Maximum
120VAC 60 HZ
Material Info
Old Part Number
310423
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
Search Parts in this Series
130107 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn