Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7310-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7310-Q1
Description  ISO7310-Q1 Robust EMC, Low Power, Single Channel Digital Isolator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7310-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7310-Q1 Datasheet HTML 2Page - Texas Instruments ISO7310-Q1 Datasheet HTML 3Page - Texas Instruments ISO7310-Q1 Datasheet HTML 4Page - Texas Instruments ISO7310-Q1 Datasheet HTML 5Page - Texas Instruments ISO7310-Q1 Datasheet HTML 6Page - Texas Instruments ISO7310-Q1 Datasheet HTML 7Page - Texas Instruments ISO7310-Q1 Datasheet HTML 8Page - Texas Instruments ISO7310-Q1 Datasheet HTML 9Page - Texas Instruments ISO7310-Q1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
ISO7310-Q1
SLLSER6 – DECEMBER 2015
www.ti.com
6.9 Power Dissipation Characteristics
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF, Input a 12.5 MHz 50% duty-cycle square wave (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation
34
mW
PD1
Power dissipation by Side-1
7.9
mW
PD2
Power dissipation by Side-2
26.1
mW
6.10 Switching Characteristics—5-V Supply
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 9
20
32
58
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
See Figure 9
4
ns
tsk(pp)
(2)
Part-to-part skew time
24
ns
tr
Output signal rise time
See Figure 9
2.5
ns
tf
Output signal fall time
See Figure 9
2
ns
Fail-safe output delay time from input
tfs
See Figure 10
7.5
μs
power loss
(1)
Also known as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6.11 Switching Characteristics
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 9
22
36
67
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
See Figure 9
3.5
ns
tsk(pp)
(2)
Part-to-part skew time
28
ns
tr
Output signal rise time
See Figure 9
3.2
ns
tf
Output signal fall time
See Figure 9
2.7
ns
Fail-safe output delay time from input
tfs
See Figure 10
7.4
μs
power loss
(1)
Also known as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
6
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7310-Q1


Similar Part No. - ISO7310-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7310-Q1 TI1-ISO7310-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   Robust EMC, Low Power, Single Channel Digital Isolator
More results

Similar Description - ISO7310-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7310C TI1-ISO7310C Datasheet
1Mb / 28P
[Old version datasheet]   Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310-Q1 TI1-ISO7310-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   Robust EMC, Low Power, Single Channel Digital Isolator
ISO7310C TI-ISO7310C_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO7310x Robust EMC, Low Power, Single Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1_17 Datasheet
1Mb / 34P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7710-Q1 TI1-ISO7710-Q1 Datasheet
540Kb / 31P
[Old version datasheet]   High Speed, Robust EMC Reinforced Single-Channel Digital Isolator
ISO7320-Q1 TI-ISO7320-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   ISO732x-Q1 Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7342-Q1 TI-ISO7342-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7340-Q1 TI-ISO7340-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO7340-Q1 TI-ISO7340-Q1_15 Datasheet
569Kb / 29P
[Old version datasheet]   ISO734x-Q1 Robust EMC, Low-Power, Quad-Channel Digital Isolators
ISO6731-Q1 TI-ISO6731-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   ISO6731-Q1 General-Purpose Triple-Channel Automotive Digital Isolator with Robust EMC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com