Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA284-Q1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # INA284-Q1
Description  INA28x-Q1 Automotive Grade, ??4-V to 80-V, Bidirectional, High Accuracy, Low- or High-Side, Voltage Output, Current Shunt Monitor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA284-Q1 Datasheet(HTML) 5 Page - Texas Instruments

  INA284-Q1 Datasheet HTML 1Page - Texas Instruments INA284-Q1 Datasheet HTML 2Page - Texas Instruments INA284-Q1 Datasheet HTML 3Page - Texas Instruments INA284-Q1 Datasheet HTML 4Page - Texas Instruments INA284-Q1 Datasheet HTML 5Page - Texas Instruments INA284-Q1 Datasheet HTML 6Page - Texas Instruments INA284-Q1 Datasheet HTML 7Page - Texas Instruments INA284-Q1 Datasheet HTML 8Page - Texas Instruments INA284-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
INA282-Q1, INA283-Q1, INA284-Q1, INA285-Q1, INA286-Q1
www.ti.com
SBOS554B – MARCH 2012 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
at TA = 25°C, V+ = 5 V, V+IN = 12 V, VREF1 = VREF2 = 2.048 V referenced to GND, and VSENSE = V+IN – V–IN, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VOS
Offset Voltage, RTI(1)
VSENSE = 0 mV
±20
±70
μV
dVOS/dT
vs Temperature
TA = –40°C to 125°C
±0.3
±1.5
μV/°C
PSRR
vs Power Supply
VS = 2.7 V to 18 V, VSENSE = 0 mV
3
μV/V
VCM
Common-Mode Input Range
TA = –40°C to 125°C
–14
+80
V
V+IN = –14 V to 80 V, VSENSE = 0 mV
CMRR
Common-Mode Rejection
120
140
dB
TA = –40°C to 125°C
IB
Input Bias Current per Pin(2)
VSENSE = 0 mV
25
μA
IOS
Input Offset Current
VSENSE = 0 mV
1
μA
Differential Input Impedance
6
k
REFERENCE INPUTS
Reference Input Gain
1
V/V
Reference Input Voltage Range(3)
0
VGND + 9
V
Divider Accuracy(4)
±0.2%
±0.5%
±25
±75
μV/V
INA282-Q1
TA = –40°C to 125°C
0.055
μV/V/°C
±13
±30
μV/V
INA283-Q1
TA = –40°C to 125°C
0.040
μV/V/°C
Reference Voltage Rejection Ratio
±6
±25
μV/V
RVRR
(VREF1 = VREF2 = 40 mV to 9 V,
INA284-Q1
TA = –40°C to 125°C
0.015
μV/V/°C
V+ = 18 V)
±4
±10
μV/V
INA285-Q1
TA = –40°C to 125°C
0.010
μV/V/°C
±17
±45
μV/V
INA286-Q1
TA = –40°C to 125°C
0.040
μV/V/°C
GAIN(5) (GND + 0.5 V
≤ VOUT ≤ (V+) – 0.5 V; VREF1 = VREF2 = (V+) / 2 for all devices)
INA282-Q1, V+ = 5 V
50
V/V
INA283-Q1, V+ = 5 V
200
V/V
G
Gain
INA284-Q1, V+ = 5 V
500
V/V
INA285-Q1, V+ = 5 V
1000
V/V
INA286-Q1, V+ = 5 V
100
V/V
INA282-Q1, INA283-Q1, INA286-Q1
±0.4%
±1.4%
Gain Error
INA284-Q1, INA285-Q1
±0.4%
±1.6%
TA = –40°C to 125°C
0.0008
0.005
%/°C
(1)
RTI = referred-to-input.
(2)
See typical characteristic graph Figure 7 .
(3)
The average of the voltage on pins REF1 and REF2 must be between VGND and the lesser of (VGND+9 V) and V+.
(4)
Reference divider accuracy specifies the match between the reference divider resistors using the configuration in Figure 36.
(5)
See typical characteristic graph Figure 12.
Copyright © 2012–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA282-Q1 INA283-Q1 INA284-Q1 INA285-Q1 INA286-Q1


Similar Part No. - INA284-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA284 TI-INA284 Datasheet
706Kb / 31P
[Old version datasheet]   High-Accuracy Wide Common-Mode Range Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA284 TI-INA284 Datasheet
686Kb / 31P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR Zero-Drift Series
INA284 TI-INA284 Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA284AID TI-INA284AID Datasheet
1Mb / 33P
[Old version datasheet]   High-Accuracy, Wide Common-Mode Range, Bi-Directional CURRENT SHUNT MONITOR
INA284AID TI1-INA284AID Datasheet
1Mb / 36P
[Old version datasheet]   Bidirectional Current Shunt Monitors
More results

Similar Description - INA284-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA225-Q1 TI-INA225-Q1_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA225-Q1 Automotive-Grade, 36-V Programmable-Gain, Voltage-Output, Bidirectional,Zero-Drift, High-Speed Current-Shunt Monitor
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA203-Q1 TI1-INA203-Q1_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low- or High-Side, High-Speed, Voltage Output Current Shunt Monitor
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170 Datasheet
209Kb / 10P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
logo
Analog Devices
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com