Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA300 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA300
Description  INA300 High- or Low-Side, Current-Sense Comparator
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA300 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA300_15 Datasheet HTML 5Page - Texas Instruments INA300_15 Datasheet HTML 6Page - Texas Instruments INA300_15 Datasheet HTML 7Page - Texas Instruments INA300_15 Datasheet HTML 8Page - Texas Instruments INA300_15 Datasheet HTML 9Page - Texas Instruments INA300_15 Datasheet HTML 10Page - Texas Instruments INA300_15 Datasheet HTML 11Page - Texas Instruments INA300_15 Datasheet HTML 12Page - Texas Instruments INA300_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
0
5
10
15
20
25
30
Time (µs)
C019
Time (25 µs/div)
C017
Time (100 µs/div)
C018
INA300
www.ti.com
SBOS613A – FEBRUARY 2014 – REVISED MARCH 2014
Typical Characteristics (continued)
At TA = +25°C, VS = +3.3 V, VIN+ = 12 V, alert pull-up resistor = 10 kΩ, and Delay = 100 µs, unless otherwise noted.
Figure 19. Alert Step Response
Figure 20. Alert Response (Disable to Enable)
Figure 21. Alert Response
(Latch Mode to Transparent Mode)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA300


Similar Part No. - INA300_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA300 TI-INA300_15 Datasheet
1Mb / 38P
[Old version datasheet]   INA300 High- or Low-Side, Current-Sense Comparator
More results

Similar Description - INA300_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA300 TI-INA300_15 Datasheet
1Mb / 38P
[Old version datasheet]   INA300 High- or Low-Side, Current-Sense Comparator
INA300-Q1 TI-INA300-Q1 Datasheet
146Kb / 5P
[Old version datasheet]   INA300-Q1 Automotive-Grade, High- or Low-Side, Current-Sense Comparator
INA300-Q1 TI1-INA300-Q1 Datasheet
162Kb / 5P
[Old version datasheet]   Automotive-Grade, High- or Low-Side, Current-Sense Comparator
logo
Maxim Integrated Produc...
MAX4373 MAXIM-MAX4373_V01 Datasheet
300Kb / 13P
   Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
19-1630; Rev 5; 5/15
MAX4373 MAXIM-MAX4373 Datasheet
366Kb / 12P
   Low-Cost, Micropower, High-Side Current-Sense Amplifier Comparator Reference ICs
Rev 0; 3/00
logo
Linear Technology
LT6108-1 LINER-LT6108-1_15 Datasheet
358Kb / 30P
   High Side Current Sense Amplifier with Reference and Comparator
LT6108-2 LINER-LT6108-2_15 Datasheet
358Kb / 30P
   High Side Current Sense Amplifier with Reference and Comparator
logo
International Rectifier
IR3315 IRF-IR3315 Datasheet
1Mb / 13P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316S IRF-IR3316S Datasheet
894Kb / 11P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
IR3316SPBF IRF-IR3316SPBF Datasheet
368Kb / 12P
   LOW EMI CURRENT SENSE HIGH SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com