Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA250A3 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA250A3
Description  INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA250A3 Datasheet(HTML) 5 Page - Texas Instruments

  INA250A3 Datasheet HTML 1Page - Texas Instruments INA250A3 Datasheet HTML 2Page - Texas Instruments INA250A3 Datasheet HTML 3Page - Texas Instruments INA250A3 Datasheet HTML 4Page - Texas Instruments INA250A3 Datasheet HTML 5Page - Texas Instruments INA250A3 Datasheet HTML 6Page - Texas Instruments INA250A3 Datasheet HTML 7Page - Texas Instruments INA250A3 Datasheet HTML 8Page - Texas Instruments INA250A3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
INA250A1, INA250A2, INA250A3, INA250A4
www.ti.com
SBOS511B – APRIL 2015 – REVISED DECEMBER 2015
6.5 Electrical Characteristics
At TA = 25°C, VS = 5 V, VIN+ = 12 V, VREF = 2.5 V, ISENSE = IN+ = 0 A, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input range
–0.1
36
V
INA250A1, VIN+ = 0 V to 36 V,
94
102
TA = –40°C to 125°C
INA250A2, VIN+ = 0 V to 36 V,
97
110
TA = –40°C to 125°C
CMR
Common-mode rejection
dB
INA250A3, VIN+ = 0 V to 36 V,
106
114
TA = –40°C to 125°C
INA250A4, VIN+ = 0 V to 36 V,
108
118
TA = –40°C to 125°C
INA250A1, ISENSE = 0 A
±15
±100
INA250A2, ISENSE = 0 A
±12.5
±50
IOS
Offset current, RTI(1)
mA
INA250A3, ISENSE = 0 A
±5
±30
INA250A4, ISENSE = 0 A
±5
±20
dIOS/dT
RTI versus temperature
TA = –40°C to 125°C
25
250
μA/°C
PSR
VS = 2.7 V to 36 V, TA = –40°C to 125°C
±0.03
±1
mA/V
IB
Input bias current
IB+, IB-, ISENSE = 0 A
±28
±35
μA
VREF
Reference input range(2)
0
(VS) up to 18
V
SHUNT RESISTOR(3)
Equivalent resistance when used with
1.998
2
2.002
Shunt resistance
onboard amplifier
RSHUNT
m
Ω
(SH+ to SH–)
Used as stand-alone resistor(4)
1.9
2
2.1
Package resistance
IN+ to IN–
4.5
m
Ω
TA = –40°C to 125°C
15
Resistor temperature
TA = –40°C to 0°C
50
ppm/°C
coefficient
TA = 0°C to 125°C
10
Maximum continuous
ISENSE
TA = –40°C to 85°C
±15
A
current(5)
Shunt short time overload
ISENSE = 30 A for 5 seconds
±0.05%
Shunt thermal shock
–65°C to 150°C, 500 cycles
±0.1%
Shunt resistance to solder
260°C solder, 10 s
±0.1%
heat
Shunt high temperature
1000 hours, TA = 150°C
±0.15%
exposure
Shunt cold temperature
24 hours, TA = –65°C
±0.025%
storage
(1)
RTI = referred-to-input.
(2)
The supply voltage range maximum is 36 V, but the reference voltage cannot be higher than 18 V.
(3)
See the Integrated Shunt Resistor section for additional information regarding the integrated current-sensing resistor.
(4)
The internal shunt resistor is intended to be used with the internal amplifier and is not intended to be used as a stand-alone resistor. See
the Integrated Shunt Resistor section for more information.
(5)
See Figure 30 and the Layout section for additional information on the current derating and layout recommendations to improve the
current handling capability of the device at higher temperatures.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA250A1 INA250A2 INA250A3 INA250A4


Similar Part No. - INA250A3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA250A3 TI1-INA250A3 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A3PW TI1-INA250A3PW Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A3PWR TI1-INA250A3PWR Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A3QPWRQ1 TI1-INA250A3QPWRQ1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
More results

Similar Description - INA250A3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA250A1 TI-INA250A1_15 Datasheet
1Mb / 32P
[Old version datasheet]   INA250 36-V, Low- or High-Side, Bidirectional, Zero-DriftCurrent-Shunt Monitor with Precision Integrated Shunt Resistor
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA253 TI1-INA253_18 Datasheet
1Mb / 34P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor With Integrated, 2-m(ohm), Precision, Low Inductive Shunt Resistor
INA253 TI1-INA253 Datasheet
639Kb / 24P
[Old version datasheet]   High Voltage, Bidirectional, Zero-Drift, Current-Shunt Monitor with Integrated 2-m廓 Precision Low Inductive Shunt Resistor
INA254 TI-INA254_V01 Datasheet
1Mb / 30P
[Old version datasheet]   INA254 80-V, High-Voltage, ±75-A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
REVISED MARCH 2023
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA254 TI-INA254 Datasheet
950Kb / 21P
[Old version datasheet]   INA254, 80V, High-Voltage, 짹 50A Integrated Precision Shunt, Bidirectional, Zero-Drift Current-Shunt Monitor
logo
Burr-Brown (TI)
INA170 BURR-BROWN-INA170_12 Datasheet
549Kb / 13P
   High-Side, Bidirectional CURRENT SHUNT MONITOR
logo
Texas Instruments
INA170 TI1-INA170_17 Datasheet
583Kb / 15P
[Old version datasheet]   High-Side, Bidirectional CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com