Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA223 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA223
Description  Analog Output Current Shunt and Voltage Instantaneous Power Monitor
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA223 Datasheet(HTML) 4 Page - Texas Instruments

  INA223_15 Datasheet HTML 1Page - Texas Instruments INA223_15 Datasheet HTML 2Page - Texas Instruments INA223_15 Datasheet HTML 3Page - Texas Instruments INA223_15 Datasheet HTML 4Page - Texas Instruments INA223_15 Datasheet HTML 5Page - Texas Instruments INA223_15 Datasheet HTML 6Page - Texas Instruments INA223_15 Datasheet HTML 7Page - Texas Instruments INA223_15 Datasheet HTML 8Page - Texas Instruments INA223_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
INA223
SBOS528 – JUNE 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
At TA = +25°C, VSENSE = (VIN+) – (VIN–) = 10 mV, VS = 3.3 V, and VIN+ = 12 V, unless otherwise noted.
INA223
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Current shunt voltage gain = 20 V/V; bus voltage gain = 0.1
±0.35
±1.25
%FSR
V/V, 0.2V/V, 0.4V/V
Current shunt voltage gain = 20 V/V; bus voltage gain = 0.1
±2
%FSR
V/V, 0.2V/V, 0.4V/V TA = –40°C to +105°C
Power measurement error
Current shunt voltage gain = 128 V/V, 300V/V; bus voltage
±0.35
±1.5
%FSR
gain = 0.1 V/V, 0.2V/V, 0.4V/V
Current shunt voltage gain = 128 V/V, 300V/V; bus voltage
±2.25
%FSR
gain = 0.1 V/V, 0.2V/V, 0.4V/V; TA = –40°C to +105°C
Output impedance
4
Ω
Maximum capacitive load
No sustained oscillation
1
nF
VOLTAGE OUTPUT(2)
Swing to VS power-supply rail
TA = –40°C to +105°C, RL = 10 kΩ to GND
VS – 0.015
VS – 0.035
V
Swing to GND
TA = –40°C to +105°C, RL = 10 kΩ to GND
VGND + 2.5
VGND + 10
mV
FREQUENCY RESPONSE
Gain = 300, CLOAD = 10 pF
10
kHz
GBW
Bandwidth
Gain = 128, CLOAD = 10 pF
20
kHz
Gain = 20, CLOAD = 10 pF
25
kHz
SR
Slew rate
0.25
V/
μs
NOISE, RTI(1)
0.1 Hz to 10 Hz, current shunt voltage gain = 20 V/V
235
nV/
√Hz
Voltage noise density
0.1 Hz to 10 Hz, current shunt voltage gain = 300 V/V
54
nV/
√Hz
DIGITAL INPUTS (SDA as Input, SCL, A0)
Input capacitance
3
pF
VIH
High-level input voltage
0.7(VS)
6
V
VIL
Low-level input voltage
–0.3
0.3(VS)
V
Leakage input current
0.1
1
μA
Hysteresis
500
mV
(2)
See Typical Characteristic curve, Output Swing vs Output Current (Figure 22).
4
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA223


Similar Part No. - INA223_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA223AIDSKR TI1-INA223AIDSKR Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
INA223AIDSKT TI1-INA223AIDSKT Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
INA223EVM TI1-INA223EVM Datasheet
1Mb / 26P
[Old version datasheet]   INA223EVM User?셲 Guide and Software Tutorial
More results

Similar Description - INA223_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA223 TI1-INA223 Datasheet
1Mb / 31P
[Old version datasheet]   Analog Output Current Shunt and Voltage Instantaneous Power Monitor
INA199 TI1-INA199 Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA271-HT TI-INA271-HT Datasheet
335Kb / 18P
[Old version datasheet]   VOLTAGE OUTPUT, UNIDIRECTIONAL MEASUREMENT CURRENT-SHUNT MONITOR
logo
Burr-Brown (TI)
INA270 BURR-BROWN-INA270 Datasheet
295Kb / 13P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
INA270 BURR-BROWN-INA270_07 Datasheet
471Kb / 17P
   Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Texas Instruments
INA270 TI-INA270_15 Datasheet
746Kb / 26P
[Old version datasheet]   INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
logo
Analog Devices
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8211 AD-AD8211_15 Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com