Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA220B-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA220B-Q1
Description  High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA220B-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA220B-Q1_15 Datasheet HTML 7Page - Texas Instruments INA220B-Q1_15 Datasheet HTML 8Page - Texas Instruments INA220B-Q1_15 Datasheet HTML 9Page - Texas Instruments INA220B-Q1_15 Datasheet HTML 10Page - Texas Instruments INA220B-Q1_15 Datasheet HTML 11Page - Texas Instruments INA220B-Q1_15 Datasheet HTML 12Page - Texas Instruments INA220B-Q1_15 Datasheet HTML 13Page - Texas Instruments INA220B-Q1_15 Datasheet HTML 14Page - Texas Instruments INA220B-Q1_15 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
INA220B-Q1
www.ti.com
SLOS785A – JUNE 2012 – REVISED JUNE 2012
Serial Interface
When reading from the INA220B-Q1 device, the last
value stored in the register pointer by a write
The INA220B-Q1 device operates only as a slave
operation determines which register is read during a
device on the 2-wire bus and SMBus. Connections to
read operation. To change the register pointer for a
the bus are made through the open-drain I/O lines
read operation, a new value must be written to the
SDA and SCL. The SDA and SCL pins feature
register pointer. This write is accomplished by issuing
integrated spike suppression filters and Schmitt
a slave address byte with the R/W bit LOW, followed
triggers to minimize the effects of input spikes and
by the register pointer byte. No additional data are
bus noise. The INA220B-Q1 device supports the
required. The master then generates a START
transmission protocol for fast (1 kHz to 400 kHz) and
condition and sends the slave address byte with the
high-speed (HS) (1 kHz to 3.4 MHz) modes. All data
R/W bit HIGH to initiate the read command. The next
bytes are transmitted most significant byte first.
byte is transmitted by the slave and is the most
significant byte of the register indicated by the
WRITING TO AND READING FROM THE
register
pointer.
This
byte
is
followed
by
an
INA220B-Q1 DEVICE
Acknowledge
from
the
master;
then
the
slave
transmits the least significant byte. The master
Accessing a particular register on the INA220B-Q1
acknowledges receipt of the data byte. The master
device is accomplished by writing the appropriate
may terminate data transfer by generating a Not-
value to the register pointer. Refer to Table 3 for a
Acknowledge after receiving any data byte, or
complete
list
of
registers
and
corresponding
generating a START or STOP condition. If repeated
addresses. The value for the register pointer as
reads from the same register are desired, it is not
shown in Figure 17 is the first byte transferred after
necessary to continually send the register pointer
the slave address byte with the R/W bit LOW. Every
bytes; the INA220B-Q1 device retains the register
write operation to the INA220B-Q1 device requires a
pointer value until it is changed by the next write
value for the register pointer.
operation.
Writing to a register begins with the first byte
Figure 14 and Figure 15 show read and write
transmitted by the master. This byte is the slave
operation timing diagrams, respectively. Note that
address, with the R/W bit LOW. The INA220B-Q1
register bytes are sent most significant byte first,
device then acknowledges receipt of a valid address.
followed by the least significant byte. Figure 16
The next byte transmitted by the master is the
shows the timing diagram for the SMBus ALERT
address of the register to which data will be written.
response operation. Figure 17 illustrates a typical
This register address value updates the register
register pointer configuration.
pointer to the desired register. The next two bytes are
written to the register addressed by the register
pointer.
The
INA220B-Q1
device
acknowledges
receipt of each data byte. The master may terminate
data transfer by generating a START or STOP
condition.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): INA220B-Q1


Similar Part No. - INA220B-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
More results

Similar Description - INA220B-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA220B-Q1 TI1-INA220B-Q1 Datasheet
1Mb / 39P
[Old version datasheet]   High- or Low-Side, Bidirectional Current Power Monitor with 2-Wire Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA220 TI1-INA220 Datasheet
1Mb / 36P
[Old version datasheet]   High- or Low-Side, Bidirectional Current and Power Monitor
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA220 TI-INA220 Datasheet
1Mb / 35P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
INA220BIDGSR TI1-INA220BIDGSR Datasheet
1Mb / 39P
[Old version datasheet]   High or Low Side, Bi-Directional CURRENT/POWER MONITOR with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com