Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA219 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA219
Description  INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA219 Datasheet(HTML) 1 Page - Texas Instruments

  INA219_15 Datasheet HTML 1Page - Texas Instruments INA219_15 Datasheet HTML 2Page - Texas Instruments INA219_15 Datasheet HTML 3Page - Texas Instruments INA219_15 Datasheet HTML 4Page - Texas Instruments INA219_15 Datasheet HTML 5Page - Texas Instruments INA219_15 Datasheet HTML 6Page - Texas Instruments INA219_15 Datasheet HTML 7Page - Texas Instruments INA219_15 Datasheet HTML 8Page - Texas Instruments INA219_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
´
Power Register
Current Register
I C-/SMBUS-
Compatible
Interface
2
Voltage Register
V
IN+ VIN-
V
S
(Supply Voltage)
A0
A1
Data
CLK
ADC
PGA
INA219
GND
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
INA219
SBOS448G – AUGUST 2008 – REVISED DECEMBER 2015
INA219 Zerø-Drift, Bidirectional Current/Power Monitor With I2C Interface
1 Features
3 Description
The INA219 is a current shunt and power monitor
1
Senses Bus Voltages from 0 to 26 V
with an I2C- or SMBUS-compatible interface. The
Reports Current, Voltage, and Power
device monitors both shunt voltage drop and bus
16 Programmable Addresses
supply voltage, with programmable conversion times
and filtering. A programmable calibration value,
High Accuracy: 0.5% (Maximum) Over
combined with an internal multiplier, enables direct
Temperature (INA219B)
readouts
of
current
in
amperes.
An
additional
Filtering Options
multiplying register calculates power in watts. The
Calibration Registers
I2C- or SMBUS-compatible interface features 16
programmable addresses.
SOT23-8 and SOIC-8 Packages
The INA219 is available in two grades: A and B. The
2 Applications
B grade version has higher accuracy and higher
precision specifications.
Servers
Telecom Equipment
The INA219 senses across shunts on buses that can
vary from 0 to 26 V. The device uses a single 3- to
Notebook Computers
5.5-V supply, drawing a maximum of 1 mA of supply
Power Management
current. The INA219 operates from –40°C to 125°C.
Battery Chargers
Device Information(1)
Welding Equipment
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Power Supplies
SOIC (8)
3.91 mm × 4.90 mm
Test Equipment
INA219
SOT-23 (8)
1.63 mm × 2.90 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA219_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI1-INA219_17 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI-INA219_08 Datasheet
1Mb / 35P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219BIDR TI1-INA219BIDR Datasheet
989Kb / 40P
[Old version datasheet]   Zer첩-Drift, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA219 TI1-INA219_17 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219 TI1-INA219 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
logo
Analog Devices
AD8218 AD-AD8218 Datasheet
351Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. A
AD8218 AD-AD8218_13 Datasheet
361Kb / 16P
   Zero Drift, Bidirectional Current Shunt Monitor
REV. B
logo
Texas Instruments
INA216 TI-INA216_15 Datasheet
941Kb / 23P
[Old version datasheet]   Small Size, Low-Power, Unidirectional, CURRENT SHUNT MONITOR Zer첩-Drift Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com