Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA213 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # INA213
Description  INA21x Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA213 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA213 Datasheet HTML 3Page - Texas Instruments INA213 Datasheet HTML 4Page - Texas Instruments INA213 Datasheet HTML 5Page - Texas Instruments INA213 Datasheet HTML 6Page - Texas Instruments INA213 Datasheet HTML 7Page - Texas Instruments INA213 Datasheet HTML 8Page - Texas Instruments INA213 Datasheet HTML 9Page - Texas Instruments INA213 Datasheet HTML 10Page - Texas Instruments INA213 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
INA210, INA211, INA212, INA213, INA214, INA215
www.ti.com
SBOS437G – MAY 2008 – REVISED JULY 2014
Electrical Characteristics (continued)
At TA = 25°C, VSENSE = VIN+ – VIN–.
INA210, INA213, INA214, and INA215: VS = 5 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
INA211 and INA212: VS = 12 V, VIN+ = 12 V, and VREF = VS / 2, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE OUTPUT(2)
RL = 10 kΩ to GND, TA = –40°C to
Swing to V+ power-supply rail
(V+) – 0.05
(V+) – 0.2
V
125°C
RL = 10 kΩ to GND, TA = –40°C to
Swing to GND
(VGND) + 0.005 (VGND) + 0.05
V
125°C
FREQUENCY RESPONSE
CLOAD = 10 pF, INA210
14
kHz
CLOAD = 10 pF, INA211
7
kHz
CLOAD = 10 pF, INA212
4
kHz
BW
Bandwidth
CLOAD = 10 pF, INA213
80
kHz
CLOAD = 10 pF, INA214
30
kHz
CLOAD = 10 pF, INA215
40
kHz
SR
Slew rate
0.4
V/
μs
NOISE, RTI(1)
Voltage noise density
25
nV/
√Hz
POWER SUPPLY
VS
Operating voltage range
TA = –40°C to 125°C
2.7
26
V
IQ
Quiescent current
VSENSE = 0 mV
65
100
μA
IQ over temperature
TA = –40°C to 125°C
115
μA
TEMPERATURE RANGE
Specified range
–40
125
°C
Operating range
–55
150
°C
SC70
250
°C/W
θJA
Thermal resistance
Thin UQFN
80
°C/W
(2)
See Typical Characteristic curve, Output Voltage Swing vs Output Current (Figure 10).
Copyright © 2008–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: INA210 INA211 INA212 INA213 INA214 INA215


Similar Part No. - INA213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA213 TI-INA213 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213 TI-INA213 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213 TI1-INA213 Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA213 TI-INA213 Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA213 TI1-INA213 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
More results

Similar Description - INA213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA210 TI1-INA210_17 Datasheet
1Mb / 44P
[Old version datasheet]   Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
INA190 TI1-INA190 Datasheet
369Kb / 20P
[Old version datasheet]   Low Supply, Voltage Output, Low- or High-Side Measurement, Bidirectional, Zero-Drift Series, Current-Shunt Monitors
logo
ON Semiconductor
NCS210R ONSEMI-NCS210R_V02 Datasheet
740Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional, Zero-Drift, Low- or High-Side Current Sensing
June, 2023 - Rev. 9
NCS210R ONSEMI-NCS210R_V01 Datasheet
743Kb / 18P
   Current-Shunt Monitors, Voltage Output, Bidirectional Zero-Drift, Low- or High-Side Current Sensing
August, 2021 - Rev. 8
logo
Texas Instruments
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA212-Q1 TI1-INA212-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA212-Q1 TI1-INA212-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   Zero-Drift Series, Current-Shunt Monitors
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com