Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA200 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA200
Description  INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA200 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA200_15 Datasheet HTML 5Page - Texas Instruments INA200_15 Datasheet HTML 6Page - Texas Instruments INA200_15 Datasheet HTML 7Page - Texas Instruments INA200_15 Datasheet HTML 8Page - Texas Instruments INA200_15 Datasheet HTML 9Page - Texas Instruments INA200_15 Datasheet HTML 10Page - Texas Instruments INA200_15 Datasheet HTML 11Page - Texas Instruments INA200_15 Datasheet HTML 12Page - Texas Instruments INA200_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Time (2ms/div)
G = 20
V
= 20mV to 30mV
SENSE
Time (2ms/div)
G = 20
V
= 20mV to 110mV
SENSE
34
30
26
22
18
14
10
6
2.5 3.5
4.5
5.5 6.5
7.5
8.5
9.5 10.5
SupplyVoltage(V)
11.5 17
18
-
°
40 C
+
°
25 C
+125 C
°
2.00
1.75
1.50
1.25
1.00
0.75
0.50
-16 -12
-8
-4
0
4
8
12 16 20 24 28
V
(V)
CM
32
36
V
=0mV
SENSE
V =12V
S
V =2.7V
S
V
=100mV
SENSE
V =12V
S
V =2.7V
S
12
11
10
9
8
7
6
5
4
3
2
1
0
0
5
10
15
20
OutputCurrent(mA)
25
30
V =12V
S
+25 C
°
+25 C
°
-
°
40 C
-
°
40 C
+125 C
°
+125 C
°
SourcingCurrent
V =3V
S
SourcingCurrent
Outputstageisdesigned
tosourcecurrent.Current
sinkingcapabilityis
approximately400 A.
m
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
1
2
3
4
5
6
7
OutputVoltage(V)
8
9
10
INA200, INA201, INA202
www.ti.com
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
Typical Characteristics (continued)
At TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 8. Positive Output Voltage Swing vs Output Current
Figure 9. Quiescent Current vs Output Voltage
Figure 10. Quiescent Current vs Common-Mode Voltage
Figure 11. Output Short-Circuit Current vs Supply Voltage
Figure 12. Step Response
Figure 13. Step Response
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA200 INA201 INA202


Similar Part No. - INA200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200 TI1-INA200_16 Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
More results

Similar Description - INA200_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI1-INA200_17 Datasheet
1Mb / 33P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA200 TI1-INA200_16 Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA206 TI-INA206_15 Datasheet
1Mb / 39P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
INA203 TI-INA203_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA20x Unidirectional Measurement Current-Shunt Monitor With Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com