Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA195 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # INA195
Description  INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA195 Datasheet(HTML) 4 Page - Texas Instruments

  INA195 Datasheet HTML 1Page - Texas Instruments INA195 Datasheet HTML 2Page - Texas Instruments INA195 Datasheet HTML 3Page - Texas Instruments INA195 Datasheet HTML 4Page - Texas Instruments INA195 Datasheet HTML 5Page - Texas Instruments INA195 Datasheet HTML 6Page - Texas Instruments INA195 Datasheet HTML 7Page - Texas Instruments INA195 Datasheet HTML 8Page - Texas Instruments INA195 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
INA193, INA194, INA195
INA196, INA197, INA198
SBOS307G – MAY 2004 – REVISED JANUARY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage
18
V
Analog Inputs, VIN+, VIN−
–18
18
V
Differential (VIN+) – (VIN−)
–18
18
V
Common-Mode(2)
–16
80
V
Analog Output, Out(2)
GND – 0.3
(V+) + 0.3
V
Input Current Into Any Pin(2)
5
mA
Operating Temperature
–55
150
°C
Junction Temperature
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Input voltage at any pin may exceed the voltage shown if the current at that pin is limited to 5mA.
7.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±4000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±1000
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
12
V
V+
Operating supply voltage
12
V
TA
Operating free-air temperature
-40
125
ºC
7.4 Thermal Information
INA19x
THERMAL METRIC(1)
DBV
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
221.7
RθJC(top)
Junction-to-case (top) thermal resistance
144.7
RθJB
Junction-to-board thermal resistance
49.7
°C/W
ψJT
Junction-to-top characterization parameter
26.1
ψJB
Junction-to-board characterization parameter
49.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: INA193 INA194 INA195 INA196 INA197 INA198


Similar Part No. - INA195

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA195 BURR-BROWN-INA195 Datasheet
226Kb / 15P
   CURRENT SHUNT MONITOR
logo
Texas Instruments
INA195 TI1-INA195 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195A-EP TI1-INA195A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA195A-Q1 TI1-INA195A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA195A-Q1 TI-INA195A-Q1 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
More results

Similar Description - INA195

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA901-SP TI-INA901-SP Datasheet
498Kb / 25P
[Old version datasheet]   INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com