Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA138-Q1 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA138-Q1
Description  HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA138-Q1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA138-Q1_15 Datasheet HTML 2Page - Texas Instruments INA138-Q1_15 Datasheet HTML 3Page - Texas Instruments INA138-Q1_15 Datasheet HTML 4Page - Texas Instruments INA138-Q1_15 Datasheet HTML 5Page - Texas Instruments INA138-Q1_15 Datasheet HTML 6Page - Texas Instruments INA138-Q1_15 Datasheet HTML 7Page - Texas Instruments INA138-Q1_15 Datasheet HTML 8Page - Texas Instruments INA138-Q1_15 Datasheet HTML 9Page - Texas Instruments INA138-Q1_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
INA138-Q1, INA168-Q1
SGLS174G – SEPTEMBER 2003 – REVISED JANUARY 2013
www.ti.com
APPLICATION INFORMATION
Figure 9 illustrates the basic circuit diagram for both the INA138-Q1 and INA168-Q1. Load current IS is drawn
from supply VS through shunt resistor RS. The voltage drop VS in the shunt resistor is forced across RG1 by the
internal op amp, causing current to flow into the collector of Q1. External resistor RL converts the output current
to a voltage, VOUT, at the OUT pin. The transfer function for the INA138-Q1 is:
IO = gm (VIN+ − VIN−)
where gm = 200 μA/V.
In the circuit of Figure 9, the input voltage, (VIN+ − VIN−), is equal to IS × RS and the output voltage, VOUT, is equal
to IO × RL. The transconductance, gm, of the INA138-Q1 is 200 μA/V. The complete transfer function for the
current measurement amplifier in this application is:
VOUT = (IS) (RS) (200 μA/V) (RL)
The maximum differential input voltage for accurate measurements is 0.5 V, which produces a 10
μA output
current. A differential input voltage of up to 2 V does not cause damage. Differential measurements (pins 3 and
4) must be unipolar with a more-positive voltage applied to pin 3. If a more-negative voltage is applied to pin 3,
the output current, IO, is zero, but it does not cause damage.
BASIC CONNECTION
Figure 9 shows the basic connection of the INA138-Q1. The input pins, VIN+ and VIN−, should be connected as
closely as possible to the shunt resistor to minimize any resistance in series with the shunt resistance. The
output resistor, RL, is shown connected between pin 1 and ground. Best accuracy is achieved with the output
voltage measured directly across RL. This is especially important in high-current systems where load current
could flow in the ground connections, affecting the measurement accuracy.
No power-supply bypass capacitors are required for stability of the INA138-Q1. However, applications with noisy
or high-impedance power supplies may require decoupling capacitors to reject power-supply noise. Connect
bypass capacitors close to the device pins.
POWER SUPPLIES
The input circuitry of the INA138-Q1 can accurately measure beyond its power-supply voltage, V+. For example,
the V+ power supply can be 5 V, whereas the load power supply voltage is up to 36 V (or 60 V with the INA168-
Q1). The output voltage range of the OUT terminal, however, is limited by the lesser of the two voltages (see
Output Voltage Range section).
SELECTING RS AND RL
The value chosen for the shunt resistor, RS, depends on the application and is a compromise between small-
signal accuracy and maximum permissible voltage loss in the measurement line. High values of RS provide better
accuracy at lower currents by minimizing the effects of offset, while low values of RS minimize voltage loss in the
supply line. For most applications, the best performance is attained with an RS value that provides a full-scale
shunt voltage range of 50 mV to 100 mV. Maximum input voltage for accurate measurements is 500 mV.
RL is chosen to provide the desired full-scale output voltage. The output impedance of the INA138-Q1 OUT
terminal is very high, which permits using values of RL up to 500 kΩ with excellent accuracy. The input
impedance of any additional circuitry at the output should be much higher than the value of RL to avoid degrading
accuracy.
Some analog-to-digital (A/D) converters have input impedances that significantly affects measurement gain. The
input impedance of the A/D converter can be included as part of the effective RL if its input can be modeled as a
resistor to ground. Alternatively, an op amp can be used to buffer the A/D converter input. Figure 9 shows the
recommended values of RL.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: INA138-Q1 INA168-Q1


Similar Part No. - INA138-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
More results

Similar Description - INA138-Q1_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138NA250G4 TI1-INA138NA250G4 Datasheet
422Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com