Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8532 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC8532
Description  DAC8532 Dual Channel, 16-Bit, Low Power, Serial Input Digital-To-Analog Converter
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8532 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8532_15 Datasheet HTML 6Page - Texas Instruments DAC8532_15 Datasheet HTML 7Page - Texas Instruments DAC8532_15 Datasheet HTML 8Page - Texas Instruments DAC8532_15 Datasheet HTML 9Page - Texas Instruments DAC8532_15 Datasheet HTML 10Page - Texas Instruments DAC8532_15 Datasheet HTML 11Page - Texas Instruments DAC8532_15 Datasheet HTML 12Page - Texas Instruments DAC8532_15 Datasheet HTML 13Page - Texas Instruments DAC8532_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Time (100
µs/div)
Loaded with 2k
Ω to GND
V
DD (2V/div)
V
OUT (1V/div)
Time (2
µs/div)
1.5
1
0.5
0
VDD = VREF = 2.7V,
Output Loaded with
2k
Ω and 200pF
to GND
Time (2
µs/div)
3
2.5
2
1.5
1
0.5
0
VDD = VREF = 5V,
Output Loaded with
2k
Ω and 200pF
to GND
Time (2
µs/div)
3.5
3
2.5
2
1.5
1
0.5
0
VDD = VREF = 2.7V,
Output Loaded with
2k
Ω and 200pF
to GND
0
V
LOGIC (V)
1
1150
1050
950
850
750
650
550
450
V
DD = VREF = 5V
V
DD = VREF = 2.7V
T
A = 25°C, SYNC Input (All Other Inputs = GND)
Reference Current Included,
CHA and CHB Active,
No Load
2
3
4
5
Time (2
µs/div)
5
4
3
2
1
0
VDD = VREF = 5V,
Output Loaded with
2k
Ω and 200pF to
GND
DAC8532
SBAS246B – DECEMBER 2001 – REVISED NOVEMBER 2014
www.ti.com
Typical Characteristics (continued)
Figure 21. Full-Scale Settling Time (Large Signal)
Figure 20. Supply Current vs Logic Input Voltage
Figure 22. Half-Scale Settling Time (Large Signal)
Figure 23. Full-Scale Settling Time (Large Signal)
Figure 24. Half-Scale Settling Time (Large Signal)
Figure 25. Power-On Reset to Zero-Scale
10
Submit Documentation Feedback
Copyright © 2001–2014, Texas Instruments Incorporated
Product Folder Links: DAC8532


Similar Part No. - DAC8532_15

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC8532IDGK BURR-BROWN-DAC8532IDGK Datasheet
402Kb / 17P
   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8532IDGK TI1-DAC8532IDGK Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGK TI-DAC8532IDGK Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI1-DAC8532IDGKG4 Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC8532_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8532IDGKG4 TI1-DAC8532IDGKG4 Datasheet
826Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8532IDGKG4 TI-DAC8532IDGKG4 Datasheet
812Kb / 23P
[Old version datasheet]   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC8532 BURR-BROWN-DAC8532 Datasheet
402Kb / 17P
   Dual Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8534 TI-DAC8534 Datasheet
362Kb / 20P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8534IPWRG4 TI1-DAC8534IPWRG4 Datasheet
735Kb / 24P
[Old version datasheet]   Quad Channel, Low Power, 16-Bit, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC8812 TI1-DAC8812 Datasheet
1Mb / 29P
[Old version datasheet]   Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
PCM56P BURR-BROWN-PCM56P Datasheet
94Kb / 9P
   Serial Input 16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com