Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCH1334 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SCH1334
Description  P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SCH1334 Datasheet(HTML) 3 Page - ON Semiconductor

  SCH1334 Datasheet HTML 1Page - ON Semiconductor SCH1334 Datasheet HTML 2Page - ON Semiconductor SCH1334 Datasheet HTML 3Page - ON Semiconductor SCH1334 Datasheet HTML 4Page - ON Semiconductor SCH1334 Datasheet HTML 5Page - ON Semiconductor SCH1334 Datasheet HTML 6Page - ON Semiconductor SCH1334 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SCH1334
No. A1656-3/7
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Drain-to-Source Voltage, VDS -- V
ID -- VDS
0
--0.2
--0.6
--1.8
--2.0
--1.6
--1.0
--0.4
--1.4
--1.2
--0.8
--0.4
--0.2
--0.6
0
--2.0
--1.6
--1.4
--1.8
--0.8
--1.2
--1.0
0
--0.2
--0.4
--0.6
--0.8
--1.0
--0.1
--0.3
--0.5
--0.7
--0.9
IT15349
0
--1.0
--0.5
--1.5
--2.5
--2.0
IT15350
VDS= --10V
VGS= --1.2V
--1.5V
Gate-to-Source Voltage, VGS -- V
Ambient Temperature, Ta --
°C
RDS(on) -- Ta
RDS(on) -- VGS
IS -- VSD
Diode Forward Voltage, VSD -- V
Ciss, Coss, Crss -- VDS
Drain-to-Source Voltage, VDS -- V
Drain Current, ID -- A
| yfs | -- I
D
SW Time -- ID
Drain Current, ID -- A
IT15353
IT15354
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
0.1
1.0
7
5
3
2
2
5
3
--0.1
--1.0
23
5 7
--0.01
23
5 7
23
5
Ta=
--25
°C
VDS= --10V
--0.01
2
VGS=0V
--0.01
--0.1
23
5 7
--1.0
23
5 7
2
3
5
VDD= --6V
VGS= --4.5V
td(on)
td(off)
tf
IT15355
0
--2
--4
--6
3
7
5
3
2
100
10
2
--8
--12
--10
Ciss
Coss
Crss
IT15356
10
100
1.0
2
3
7
5
7
5
2
3
3
2
f=1MHz
t r
0
--2
--4
--6
--10
--8
--9
--1
--3
--5
--7
200
100
400
300
500
600
700
0
100
300
200
400
600
500
0
IT15351
IT15352
ID= --0.1A
--0.8A
Ta=25
°C
--0.4A
75
°C
25
°C
3
--0.1
7
5
2
3
7
5
--1.0
2
3
5
--60 --40 --20
0
20
40
60
80
100 120 140 160
VGS
= --1.8V
, ID=
--0.1A
VGS=
--4.5V
, ID= -
-0.8A
VGS
= --2.5V
, ID=
--0.4A


Similar Part No. - SCH1334

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SCH1334 SANYO-SCH1334 Datasheet
67Kb / 4P
   General-Purpose Switching Device Applications
More results

Similar Description - SCH1334

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com