Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDC5001T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MDC5001T1
Description  Low Voltage Bias Stabilizer with Enable
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MDC5001T1 Datasheet(HTML) 2 Page - ON Semiconductor

  MDC5001T1 Datasheet HTML 1Page - ON Semiconductor MDC5001T1 Datasheet HTML 2Page - ON Semiconductor MDC5001T1 Datasheet HTML 3Page - ON Semiconductor MDC5001T1 Datasheet HTML 4Page - ON Semiconductor MDC5001T1 Datasheet HTML 5Page - ON Semiconductor MDC5001T1 Datasheet HTML 6Page - ON Semiconductor MDC5001T1 Datasheet HTML 7Page - ON Semiconductor MDC5001T1 Datasheet HTML 8Page - ON Semiconductor MDC5001T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MDC5001T1
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
15
Vdc
Ambient Operating Temperature Range
TA
−40 to +85
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Junction Temperature
TJ
150
°C
Collector Emitter Voltage (Q2)
VCEO
−15
V
Enable Voltage (Pin 5)
VENBL
VCC
V
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Power Dissipation
(FR−5 PCB of 1″ × 0.75″ × 0.062″, TA = 25°C)
Derate above 25°C
PD
150
1.2
mW
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
833
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Recommended Operating Supply Voltage
VCC
1.8
2.75
10
Volts
Power Supply Current (VCC = 2.75 V)
Vref, Iout are unterminated
See Figure 8
ICC
130
200
µA
Q2 Collector Emitter Breakdown Voltage
(IC2 = 10 µA, IB2 = 0)
V(BR)CEO2
15
Volts
Reference Voltage (VENBL = VCC = 2.75 V, Vout = 0.7 V)
(Iout = 30 µA)
(Iout = 150 µA)
See Figure 1
Vref
2.050
2.110
2.075
2.135
2.100
2.160
Volts
Reference Voltage (VENBL = VCC = 2.75 V, Vout = 0.7 V,
−40°C ≤ TA ≤ +85°C)
VCC Pulse Width = 10 mS, Duty Cycle = 1%
(Iout = 10 µA)
(Iout = 30 µA)
(Iout = 100 µA)
See Figures 2 and 11
DVref
±5.0
±15
±25
±10
±30
±50
mV


Similar Part No. - MDC5001T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MDC5001T1 MOTOROLA-MDC5001T1 Datasheet
188Kb / 10P
   SILICON SMALLBLOCK INTEGRATED CIRCUIT
logo
Leshan Radio Company
MDC5001T1 LRC-MDC5001T1 Datasheet
357Kb / 10P
   Low Voltage Bias Stabilizer with Enable
logo
E-Tech Electronics LTD
MDC5001T1 ETL-MDC5001T1 Datasheet
654Kb / 10P
   Low Voltage Bias Stabilizer with Enable
More results

Similar Description - MDC5001T1

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MDC5001 ETL-MDC5001 Datasheet
654Kb / 10P
   Low Voltage Bias Stabilizer with Enable
logo
Leshan Radio Company
MDC5001T1 LRC-MDC5001T1 Datasheet
357Kb / 10P
   Low Voltage Bias Stabilizer with Enable
logo
Fairchild Semiconductor
KA33V FAIRCHILD-KA33V Datasheet
90Kb / 8P
   Voltage Stabilizer
logo
ON Semiconductor
KA33V ONSEMI-KA33V Datasheet
336Kb / 9P
   Voltage Stabilizer
July 2013 Rev. 1.1.0
logo
List of Unclassifed Man...
TCA530 ETC-TCA530 Datasheet
267Kb / 7P
   INTEGRATED VOLTAGE STABILIZER
logo
Semtech Corporation
SC1541 SEMTECH-SC1541 Datasheet
168Kb / 6P
   1.0A Low Dropout Voltage Regulator with Enable
SC1541 SEMTECH-SC1541_09 Datasheet
162Kb / 6P
   1.0A Low Dropout Voltage Regulator with Enable
logo
Acutechnology Semicondu...
BQ8211 ACUTECH-BQ8211 Datasheet
624Kb / 9P
   Low Dropout 300mA Voltage Regulator with Enable
logo
Taiwan Semiconductor Co...
TS5205 TSC-TS5205 Datasheet
157Kb / 6P
   150mA Low Noise LDO Voltage Regulator with Enable
logo
Acutechnology Semicondu...
AQ8211 ACUTECH-AQ8211 Datasheet
631Kb / 10P
   Ultra-Low Dropout 500mA Voltage Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com