Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74735YW Datasheet(PDF) 1 Page - ON Semiconductor

Part # LC74735YW
Description  Mini Buck Converter for RF Power Amplifiers
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LC74735YW Datasheet(HTML) 1 Page - ON Semiconductor

  LC74735YW Datasheet HTML 1Page - ON Semiconductor LC74735YW Datasheet HTML 2Page - ON Semiconductor LC74735YW Datasheet HTML 3Page - ON Semiconductor LC74735YW Datasheet HTML 4Page - ON Semiconductor LC74735YW Datasheet HTML 5Page - ON Semiconductor LC74735YW Datasheet HTML 6Page - ON Semiconductor LC74735YW Datasheet HTML 7Page - ON Semiconductor LC74735YW Datasheet HTML 8Page - ON Semiconductor LC74735YW Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
hk 20110413-S00004/ O1003TN(OT) No.A2330-1/52
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
July, 2013
LC74735YW
Overview
The LC74735YW is an on-screen display CMOS IC that displays characters and patterns on a TV screen. For
QVGA display, the LC74735YW supports the use of both a 12
 18 dot character font and a 12  18 dot graphics
font with 16 colors with a total of 512 characters and glyphs. For WVGA display, the LC74735YW supports the use
of both a 24
 32 dot character font and a 12  16 dot graphics font with 16 colors with a total of 512 characters and
glyphs. The LC74735YW can also implement extremely varied displays by the use of an external ROM. The
LC74735YW supports both QVGA (480
 234) and WVGA (800  480).
Features
 Screen structure
— Main :
QVGA mode: 40 characters
13 lines (up to 520 characters) on a QVGA panel
WVGA mode: 33 characters
15 lines (up to 495 characters) on a WVGA panel
— Wallpaper display screen: Permanent repetition of a 2
2 (horizontal vertical) character pattern
 Character structure
— QVGA mode :
12 dots (horizontal)
18 dots (vertical) : Character display
12 dots (horizontal)
18 dots (vertical) : Graphic glyph display
— WVGA mode:
24 dots (horizontal)
32 dots (vertical) : Character display
12 dots (horizontal)
16 dots (vertical) : Graphic glyph display (1 pixel : 2 2 dots)
— Character display clock:
About 9 MHz — QVGA with an LC oscillator 33.2 MHz (maximum: 40 MHz)
WVGA with an external clock signal input
*: The ROM image is known when QVGA or WVGA mode is specified.
 Number of characters: 512 (internal)
Up to 2048 characters when an external 16-bit 4M ROM is used.
 Character sizes: Four horizontal sizes (1, 2, 3, and 4)
Four vertical sizes (1
, 2, 3, and 4)
(The character size is specified in line units.)
 Display start positions : 512 positions in the horizontal direction and 256 positions in the vertical direction.
QVGA mode WVGA mode Setting units : Horizontal : 1 dot 2 dots (In screen units)
Vertical: 1 dot 2 dots (In screen units)
 Display functions
— Blinking specification (in character units)
Period : 1/64, 1/32, and 1/16 of the vertical sync signal (in screen units)
Duty : Fixed at 50%
— Box (raised or recessed) display
Raised/recessed specification (in character units)
Left
: Off/on specification (in character units)
Right
: Off/on specification (in character units)
Top
: Off/on specification (in character units)
Bottom : Off/on specification (in character units)
— Border specification (in line units) :
Only valid with glyphs from the character font.
 Color specification
Character
— Character color (in character units) : 1 of 16 colors can be specified.
— Character background color (in character units) : 1 of 16 colors can be specified.
— Border color (in line units) : 1 of 16 colors can be specified.
CMOS LSI
On-Screen Display Controller
Ordering number : ENA2330
SQFP80(12X12)


Similar Part No. - LC74735YW

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74735NW SANYO-LC74735NW Datasheet
295Kb / 52P
   On-Screen Display Controller
More results

Similar Description - LC74735YW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC5490A ONSEMI-2SC5490A Datasheet
478Kb / 7P
   Mini Buck Converter for RF Power Amplifiers
August, 2013
NMF3506 ONSEMI-NMF3506 Datasheet
48Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
March, 2004 ??Rev. P0
NL17SZYYXV5T2 ONSEMI-NL17SZYYXV5T2 Datasheet
95Kb / 4P
   Mini Buck Converter for RF Power Amplifiers
November, 2002 ??Rev. 2
STK984-190-E ONSEMI-STK984-190-E Datasheet
576Kb / 9P
   Mini Buck Converter for RF Power Amplifiers
October 2015 - Rev. P0
NCP81039 ONSEMI-NCP81039 Datasheet
183Kb / 11P
   Mini Buck Converter for RF Power Amplifiers
November, 2011 ??Rev. P0
SB20-03P ONSEMI-SB20-03P Datasheet
317Kb / 6P
   Mini Buck Converter for RF Power Amplifiers
September, 2013
NCP6360 ONSEMI-NCP6360 Datasheet
1Mb / 17P
   Mini Buck Converter for RF Power Amplifiers
February, 2014 - Rev. 2
NCP6361 ONSEMI-NCP6361 Datasheet
1Mb / 20P
   Buck Converter with Bypass Mode for RF Power Amplifiers
April, 2014 ??Rev. 5
logo
ETA SOLUTIONS CO. LIMIT...
ETA3411 ETA-ETA3411 Datasheet
217Kb / 1P
   3MHz, Output Adjustable, 2A Synchronous Buck Converter for RF Power Amplifiers
logo
Texas Instruments
LM3269 TI1-LM3269 Datasheet
136Kb / 5P
[Old version datasheet]   Seamless-Transition Buck-Boost Converter for 3G and 4G RF Power Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com