Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

050-357 Datasheet(PDF) 8 Page - Glenair, Inc.

Part No. 050-357
Description  SMPTE HD-SDI AND 3G-SDI
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-357 Datasheet(HTML) 8 Page - Glenair, Inc.

Back Button 050-357 Datasheet HTML 4Page - Glenair, Inc. 050-357 Datasheet HTML 5Page - Glenair, Inc. 050-357 Datasheet HTML 6Page - Glenair, Inc. 050-357 Datasheet HTML 7Page - Glenair, Inc. 050-357 Datasheet HTML 8Page - Glenair, Inc. 050-357 Datasheet HTML 9Page - Glenair, Inc. 050-357 Datasheet HTML 10Page - Glenair, Inc. 050-357 Datasheet HTML 11Page - Glenair, Inc. 050-357 Datasheet HTML 12Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
©2015 Glenair, Inc.
REV: 1
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 8 of 15
E-mail: sales@glenair.com
050-357 Product Brief
PCB Mount Dual-Receiver
HD-SDI & 3G-SDI, SMF, 3.3V
The PCB mount Dual-Receiver interfaces with the host circuit board through twenty I/O pins identified by function in Table
6. The Dual-Receiver high speed receive interface requires SFP MSA compliant signal lines on the host board. The
Rx_LOS lines require TTL lines on the host board (per SFF-8074i) if used. If an application chooses not to take advantage
RX_LOS do not need to be connected.
Digital Diagnostic Interface and Serial Identification (EEPROM)
The PCB mount Dual-Receiver is derived from the SFF-8074i SFP specification and with SFF-8472, the SFP specification
for Digital Diagnostic Monitoring Interface, but modified to account for Dual-Receiver functionality. Both specifications can
be found at http://www.sffcommittee.org.
FIGURE 4 – DIGITAL DIAGNOSTIC MEMORY MAP OVERVIEW
The PCB mount Dual-Receiver features EEPROM for Serial ID, which contains the product data stored for retrieval by
host equipment. This data is accessed via the 2-wire serial EEPROM protocol of the ATMEL AT24C01A or similar,
derived from with the industry standard SFP Multi-Source Agreement but modified to account for Dual-Receiver
functionality. The base EEPROM memory, bytes 0-255 at memory address A0h, is organized in compliance with SFF-
8074i.
As an enhancement to the conventional SFP interface defined in SFF-8074i, the PCB mount Dual-Receiver is derived
from SFF-8472 (digital diagnostic interface for optical transceivers) with memory organized as shown in Figure 4. This
new digital diagnostic information is stored in bytes 0-255 at memory address A2h (RX1) and A4h (RX2). Using the 2-
wire serial interface defined in the MSA, the PCB mount Dual-Receiver provides real time temperature, supply voltage,
and received input power. These parameters are internally calibrated, per the SFF-8472 MSA. The digital diagnostic
interface also adds the capability to monitor for Receiver Loss of Signal (RX_LOS). The diagnostic information provides
the opportunity for Predictive Failure Identification, Compliance Prediction, Fault Isolation and Component Monitoring.


Similar Part No. - 050-357

ManufacturerPart No.DatasheetDescription
Glenair, Inc.
Glenair, Inc.
050-352 GLENAIR-050-352 Datasheet
491Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
More results

Similar Description - 050-357

ManufacturerPart No.DatasheetDescription
Glenair, Inc.
Glenair, Inc.
050-332 GLENAIR-050-332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050-358 GLENAIR-050-358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI AND HD-SDI
050_332 GLENAIR-050_332 Datasheet
708Kb / 16P
   SMPTE HD-SDI AND 3G-SDI
050_358 GLENAIR-050_358 Datasheet
495Kb / 16P
   SMPTE 3G-SDI
050_357 GLENAIR-050_357 Datasheet
501Kb / 15P
   SMPTE HD-SDI
Semtech Corporation
Semtech Corporation
GS3470 SEMTECH-GS3470 Datasheet
4Mb / 169P
   3G, HD, SD SDI Receiver
GS2962 SEMTECH-GS2962 Datasheet
2Mb / 82P
   3G/HD/SD-SDI Serializer with Complete SMPTE Video Support
Emcore Corporation
Emcore Corporation
OTP-1HD EMCORE-OTP-1HD Datasheet
95Kb / 2P
   HD-SDI & SD-SDI Video
M/A-COM Technology Solutions, Inc.
M/A-COM Technology Solu...
214X8-DSH-001-E MA-COM-214X8-DSH-001-E Datasheet
305Kb / 21P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
M21418 MA-COM-M21418_15 Datasheet
575Kb / 22P
   HD/SD and 3G/HD/SD-SDI Cable Drivers
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz