Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

050-356 Datasheet(PDF) 13 Page - Glenair, Inc.

Part # 050-356
Description  PC BOARD MOUNT CWDM DUAL-TRANSMITTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-356 Datasheet(HTML) 13 Page - Glenair, Inc.

Back Button 050-356 Datasheet HTML 8Page - Glenair, Inc. 050-356 Datasheet HTML 9Page - Glenair, Inc. 050-356 Datasheet HTML 10Page - Glenair, Inc. 050-356 Datasheet HTML 11Page - Glenair, Inc. 050-356 Datasheet HTML 12Page - Glenair, Inc. 050-356 Datasheet HTML 13Page - Glenair, Inc. 050-356 Datasheet HTML 14Page - Glenair, Inc. 050-356 Datasheet HTML 15Page - Glenair, Inc. 050-356 Datasheet HTML 16Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 13 of 16
E-mail: sales@glenair.com
050-356 Product Brief
PCB Mount CWDM Dual-Transmitter
100 Mbps – 2.5 Gbps SMF, 3.3V
Byte
Decimal
#
Hex
Data
Notes
Byte
Decimal
#
Hex
Data
Notes
0
80
Glenair PCB mount Dual Transmitter
37
00
Vendor OUI (NOT USED)
1
04
Serial ID Module Definition
38
00
Vendor OUI (NOT USED)
2
80
“GC” Fiber Optic Connector
39
00
Vendor OUI (NOT USED)
3
00
40
30
“0” Vendor Part Number ASCII character
4
00
41
35
“5” Vendor Part Number ASCII character
5
00
42
30
“0” Vendor Part Number ASCII character
6
00
43
2D
“-“ Vendor Part Number ASCII character
7
00
44
33
“3” Vendor Part Number ASCII character
8
00
45
35
“5” Vendor Part Number ASCII character
9
00
46
36
“6” Vendor Part Number ASCII character
10
00
47
2D
“-“ Vendor Part Number ASCII character
11
01
Compatible with 8B/10B encoded data
48
31
“1” Vendor Part Number ASCII character
12
19
BR, 2.5 Gbps
49
44
“D“ Vendor Part Number ASCII character
13
00
50
2D
“-“ Vendor Part Number ASCII character
14
00
51
32
“2“ Vendor Part Number ASCII Charac
15
64
9/125 µm Fiber, 10km @ 2.5 Gbps (Note 3)
52
37
“7“ Vendor Part Number ASCII Character
16
00
53
32
“2“ Vendor Part Number ASCII Character
17
00
54
39
“9“ Vendor Part Number ASCII Character
18
00
55
20
Note 5
19
00
56
20
“ “ Vendor REV Level ASCII Character
20
47
“G” Vendor NAME ASCII Character
57
20
“ “ Vendor REV Level ASCII Character
21
4C
“L” Vendor NAME ASCII Character
58
20
“ “ Vendor REV Level ASCII Character
22
45
“E” Vendor NAME ASCII Character
59
20
“ “ Vendor REV Level ASCII Character
23
4E
“N” Vendor NAME ASCII Character
60
05
Hex Byte of Laser Wavelength (Note 6)
24
41
“A” Vendor NAME ASCII Character
61
1E
Hex Byte of Laser Wavelength (Note 6)
25
49
“I” Vendor NAME ASCII Character
62
RESERVED
26
52
“R” Vendor NAME ASCII Character
63
Check sum code for ID fields 0-62 (Note 7)
27
20
“ “ Vendor NAME ASCII Character
64
00
28
20
“ “ Vendor NAME ASCII Character
65
18
Hardware TX_Disable, TX_Fault,
29
20
“ “ Vendor NAME ASCII Character
66
00
30
20
“ “ Vendor NAME ASCII Character
67
00
31
20
“ “ Vendor NAME ASCII Character
68-83
Serial Number, ASCII (Note 8)
32
20
“ “ Vendor NAME ASCII Character
84-91
Date Code (Note 9)
33
20
“ “ Vendor NAME ASCII Character
92
68
Diagnostic Monitoring Type
34
20
“ “ Vendor NAME ASCII Character
93
A0
Enhanced Options
35
20
“ “ Vendor NAME ASCII Character
94
05
SFF-8472 rev 11.0
36
00
95
Checksum for bytes 64-94 (Note 7)
96-255
00
Notes:
1. RESERVED
2. RESERVED
3. Link distance with 9/125μm cable at 1.25Gbps is 10km.
4. RESERVED.
5. Table 1, Part number options/extensions
6. Laser wavelength is represented in 16 unsigned bits. The hex representation of 1310 nm is 051E. The hex representation of 850nm is 0352.
7. Addresses 63 and 95 are checksums calculated per SFF-8472 and SFF-8074, and stored prior to product shipment.
8. Addresses 68-83 specify the module’s ASCII serial number and will vary by unit.
9. Addresses 84-91 specify the module’s ASCII date code and will vary according to manufactured date-code.
TABLE 8
TWO-WIRE INTERFACE ID: DATA FIELDS – ADDRESS A0h


Similar Part No. - 050-356

ManufacturerPart #DatasheetDescription
Glenair, Inc.
Glenair, Inc.
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
More results

Similar Description - 050-356

ManufacturerPart #DatasheetDescription
Glenair, Inc.
Glenair, Inc.
050_356 GLENAIR-050_356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-331 GLENAIR-050-331 Datasheet
682Kb / 16P
   PC BOARD MOUNT DUAL-TRANSMITTER
050_331 GLENAIR-050_331 Datasheet
682Kb / 16P
   PC BOARD MOUNT DUAL-TRANSMITTER
050-316 GLENAIR-050-316 Datasheet
474Kb / 15P
   100 MBPS-5 GBPS PC BOARD MOUNT DUAL-TRANSMITTER
050-319 GLENAIR-050-319 Datasheet
481Kb / 15P
   PC BOARD MOUNT DUAL-TRANSMITTER FOR SINGLE MODE FIBER
050-342 GLENAIR-050-342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_330 GLENAIR-050_330 Datasheet
214Kb / 2P
   Glenair PCB Mount Dual Transmitter
050-330 GLENAIR-050-330 Datasheet
214Kb / 2P
   Glenair PCB Mount Dual Transmitter
Optoway Technology Inc
Optoway Technology Inc
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG Datasheet
120Kb / 5P
   CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com