Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

050-356 Datasheet(PDF) 11 Page - Glenair, Inc.

Part # 050-356
Description  PC BOARD MOUNT CWDM DUAL-TRANSMITTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-356 Datasheet(HTML) 11 Page - Glenair, Inc.

Back Button 050-356 Datasheet HTML 7Page - Glenair, Inc. 050-356 Datasheet HTML 8Page - Glenair, Inc. 050-356 Datasheet HTML 9Page - Glenair, Inc. 050-356 Datasheet HTML 10Page - Glenair, Inc. 050-356 Datasheet HTML 11Page - Glenair, Inc. 050-356 Datasheet HTML 12Page - Glenair, Inc. 050-356 Datasheet HTML 13Page - Glenair, Inc. 050-356 Datasheet HTML 14Page - Glenair, Inc. 050-356 Datasheet HTML 15Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
©2015 Glenair, Inc.
REV: 2
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 11 of 16
E-mail: sales@glenair.com
050-356 Product Brief
PCB Mount CWDM Dual-Transmitter
100 Mbps – 2.5 Gbps SMF, 3.3V
FIGURE 4
RECOMMENDED HOST BOARD POWER SUPPLY FILTERING CIRCUIT
Fiber Compatibility
The transceiver is capable of transmission up to 10km with 9
/125 μm fiber at 1.25Gbps data rate.
Electrostatic Discharge (ESD)
The Transceiver is compatible with ESD levels found in typical manufacturing and operating environments as described
JEDEC EIA JESD22-A114-A, Class 1 (<2000Volts) HBM. Glenair recommends that devices are handled with ESD
precautions to limit exposure to below 500V HBM.
There are two design cases in which immunity to ESD damage is important. The first case is during handling of the
transceiver prior to insertion to the host board. To protect the transceiver, it’s important to use standard industry ESD
handling precautions. These precautions include using grounded wrist straps, work benches, and floor mats in ESD
controlled areas. The ESD sensitivity of the Glenair PCB mount transceiver is compatible with typical industry production
environments.
The second case to consider is static discharges to the exterior of the host equipment after installation, in which case the
transceiver may be subject to system-level ESD requirements.
Application Support


Similar Part No. - 050-356

ManufacturerPart #DatasheetDescription
Glenair, Inc.
Glenair, Inc.
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
More results

Similar Description - 050-356

ManufacturerPart #DatasheetDescription
Glenair, Inc.
Glenair, Inc.
050_356 GLENAIR-050_356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-331 GLENAIR-050-331 Datasheet
682Kb / 16P
   PC BOARD MOUNT DUAL-TRANSMITTER
050_331 GLENAIR-050_331 Datasheet
682Kb / 16P
   PC BOARD MOUNT DUAL-TRANSMITTER
050-316 GLENAIR-050-316 Datasheet
474Kb / 15P
   100 MBPS-5 GBPS PC BOARD MOUNT DUAL-TRANSMITTER
050-319 GLENAIR-050-319 Datasheet
481Kb / 15P
   PC BOARD MOUNT DUAL-TRANSMITTER FOR SINGLE MODE FIBER
050-342 GLENAIR-050-342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_342 GLENAIR-050_342 Datasheet
488Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT CWDM TRANSCEIVER
050_330 GLENAIR-050_330 Datasheet
214Kb / 2P
   Glenair PCB Mount Dual Transmitter
050-330 GLENAIR-050-330 Datasheet
214Kb / 2P
   Glenair PCB Mount Dual Transmitter
Optoway Technology Inc
Optoway Technology Inc
SPS-9380VW-CXXCYYG OPTOWAY-SPS-9380VW-CXXCYYG Datasheet
120Kb / 5P
   CWDM / 3 Gb/s Medium Power Dual Optical SMDigital Diagnostic Transmitter
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com