Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3350-TL-W Datasheet(PDF) 1 Page - ON Semiconductor

Part # CPH3350-TL-W
Description  P-Channel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH3350-TL-W Datasheet(HTML) 1 Page - ON Semiconductor

  CPH3350-TL-W Datasheet HTML 1Page - ON Semiconductor CPH3350-TL-W Datasheet HTML 2Page - ON Semiconductor CPH3350-TL-W Datasheet HTML 3Page - ON Semiconductor CPH3350-TL-W Datasheet HTML 4Page - ON Semiconductor CPH3350-TL-W Datasheet HTML 5Page - ON Semiconductor CPH3350-TL-W Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
O0913 TKIM TC-00002895/60612 TKIM/D1411PE TKIM TC-00002683 No. A0151-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
October, 2013
CPH3350
P-Channel Power MOSFET
–20V, –3A, 83m
Ω, Single CPH3
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Ultrahigh-speed switching
1.8V drive
Halogen free compliance
Protection diode in
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--20
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--3
A
Drain Current (Pulse)
IDP
PW≤10μs, duty cycle≤1%
--12
A
Allowable Power Dissipation
PD
When mounted on ceramic substrate (900mm2×0.8mm)
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7015A-004
Ordering number : ENA0151B
Product & Package Information
• Package
: CPH3
• JEITA, JEDEC
: SC-59, TO-236, SOT-23
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
1
2
3
TL
1 : Gate
2 : Source
3 : Drain
CPH3
2.9
0.05
0.4
0.15
2
1
3
0.95
CPH3350-TL-H
CPH3350-TL-W


Similar Part No. - CPH3350-TL-W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3350-TL-H SANYO-CPH3350-TL-H Datasheet
534Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - CPH3350-TL-W

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IRFN9240SMD SEME-LAB-IRFN9240SMD Datasheet
23Kb / 2P
   P-CHANNEL POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJ3139KW JIANGSU-CJ3139KW Datasheet
1Mb / 5P
   P-Channel Power MOSFET
logo
ON Semiconductor
MTB50P03HDL ONSEMI-MTB50P03HDL_14 Datasheet
143Kb / 9P
   P-Channel Power MOSFET
January, 2014 ??Rev. 7
logo
Unisonic Technologies
UT3P01Z UTC-UT3P01Z_10 Datasheet
173Kb / 4P
   P CHANNEL POWER MOSFET
logo
Infineon Technologies A...
BSB027P03LX3G INFINEON-BSB027P03LX3G Datasheet
1Mb / 13P
   p-Channel Power MOSFET
1.9, 2011-03-02
logo
Gunter Seniconductor Gm...
GFC9110 GSG-GFC9110 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9140 GSG-GFC9140 Datasheet
116Kb / 1P
   P Channel Power MOSFET
GFC9210 GSG-GFC9210 Datasheet
112Kb / 1P
   P Channel Power MOSFET
GFC9240 GSG-GFC9240 Datasheet
115Kb / 1P
   P Channel Power MOSFET
logo
Micro Commercial Compon...
MCQ4435A MCC-MCQ4435A Datasheet
641Kb / 4P
   P-Channel Power MOSFET
logo
Unisonic Technologies
UT9435 UTC-UT9435_15 Datasheet
243Kb / 4P
   P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com