Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-319 Datasheet(PDF) 8 Page - Glenair, Inc.

Part # 050-319
Description  PC BOARD MOUNT DUAL-TRANSMITTER FOR SINGLE MODE FIBER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-319 Datasheet(HTML) 8 Page - Glenair, Inc.

Back Button 050-319 Datasheet HTML 4Page - Glenair, Inc. 050-319 Datasheet HTML 5Page - Glenair, Inc. 050-319 Datasheet HTML 6Page - Glenair, Inc. 050-319 Datasheet HTML 7Page - Glenair, Inc. 050-319 Datasheet HTML 8Page - Glenair, Inc. 050-319 Datasheet HTML 9Page - Glenair, Inc. 050-319 Datasheet HTML 10Page - Glenair, Inc. 050-319 Datasheet HTML 11Page - Glenair, Inc. 050-319 Datasheet HTML 12Page - Glenair, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
©2015 Glenair, Inc.
REV: 3
US Cage Code 06324
Printed in USA
GLENAIR, INC.
∙ 1211 AIR WAY ∙ GLENDALE, CA 91201-2497
∙ TEL: 818-247-6000
∙ FAX: 818-500-9912
www.glenair.com
PAGE 8 of 15
E-mail: sales@glenair.com
050-319 Product Brief
PCB Mount Dual-Transmitter for Single Mode Fiber
100 Mbps – 4.25 Gbps, FP Lasers, 3.3V
FIGURE 3
RECOMMENDED BOARD MOUNT DUAL-TRANSMITTER HOST BOARD SCHEMATIC


Similar Part No. - 050-319

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-310-7603229 ITT-050-310-7603229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-310-7604229 ITT-050-310-7604229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-311-7503229 ITT-050-311-7503229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-311-7504229 ITT-050-311-7504229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Glenair, Inc.
050-313 GLENAIR-050-313 Datasheet
290Kb / 4P
   Opto-Electronic Transceiver
More results

Similar Description - 050-319

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050-331 GLENAIR-050-331 Datasheet
682Kb / 16P
   PC BOARD MOUNT DUAL-TRANSMITTER
050_331 GLENAIR-050_331 Datasheet
682Kb / 16P
   PC BOARD MOUNT DUAL-TRANSMITTER
050-356 GLENAIR-050-356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050_356 GLENAIR-050_356 Datasheet
489Kb / 16P
   PC BOARD MOUNT CWDM DUAL-TRANSMITTER
050-316 GLENAIR-050-316 Datasheet
474Kb / 15P
   100 MBPS-5 GBPS PC BOARD MOUNT DUAL-TRANSMITTER
logo
OPLINK Communications I...
DWFC0150P00L011 OPLINK-DWFC0150P00L011 Datasheet
278Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC1X3-S0156 OPLINK-DWFC1X3-S0156 Datasheet
156Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC0300P001111 OPLINK-DWFC0300P001111 Datasheet
138Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
DWFC-S0011 OPLINK-DWFC-S0011 Datasheet
174Kb / 2P
   Dual Window Single Mode Wideband Fiber Coupler
logo
AVAGO TECHNOLOGIES LIMI...
SP000063858 AVAGO-SP000063858 Datasheet
629Kb / 4P
   Transmitter for Polymer Optical Fiber Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com