Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

050-313 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # 050-313
Description  Opto-Electronic Transceiver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

050-313 Datasheet(HTML) 1 Page - Glenair, Inc.

  050-313 Datasheet HTML 1Page - Glenair, Inc. 050-313 Datasheet HTML 2Page - Glenair, Inc. 050-313 Datasheet HTML 3Page - Glenair, Inc. 050-313 Datasheet HTML 4Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.glenair.com
E-Mail: sales@glenair.com
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
25
© 2013 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
Rev. Jan. 2013
050-313
Opto-Electronic Transceiver
MIL-DTL-38999 Type 2.5mm ELIO® Compatible
100Mbps – 4.25Gbps
Opto-electronic transceiver with MIL-DTL-38999 type connector interface
How To Order
Product
Series
Jam Nut
Multimode
Transceiver
Polarization
Opto-Electrical
Connector
050 - 313 M - 07 - X - MM - N
Plating
Code
(Table II)
Glenair 050-313 is a D38999 Type 11-02 receptacle connector that incorporates an
opto-electronic transceiver that operates from 100Mbps-4.25Gbps that converts
electrical signals to multimode fiber. The transmitter section incorporates an 850nm
Laser and laser driver with APC functionality to maintain output power and extinction
ratio over the operating temperature range. The transmitter has a disable function as
well as a transmitter fault detect function. The receiver section incorporates PIN/TIA
and limiting amplifier to quantize electrical output signals. The receiver also offers a
CMOS compatible Loss of Signal indicator. The electrical interface for the transceiver
are PC tail pins that intended to mount to a PCB or interface flex circuit; the high speed
lines of the Transmitter and Receiver sections are CML compatible.
The Glenair optical transceiver is ideal for harsh-environment, extreme shock, vibration
and temperature avionics and military applications where copper cable link distance,
bandwidth, weight or bulk make the use of twisted pair, twinax or quadrax copper
conductors unacceptable
„
„
-40°C to +85°C operating temperature range
„
„
Ideal for military and other harsh environment applications.
„
„
MIL-STD-810 mechanical shock and vibration compliance
„
„
MIL-STD-1344 immersion resistance compliance
„
„
Up to 550 Meters for VCSEL 850nm version with Multimode fiber
„
„
Power supply operation from 3.3V
KEY FEATURES
APPLICATIONS
„
„
Military tactical communication Systems
„
„
Harsh environment telemetry or communications
„
„
Satcom systems
„
„
Avionics communication and telemetry systems


Similar Part No. - 050-313

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-310-7603229 ITT-050-310-7603229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-310-7604229 ITT-050-310-7604229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-311-7503229 ITT-050-311-7503229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
050-311-7504229 ITT-050-311-7504229 Datasheet
489Kb / 42P
   RF Coaxial Connectors
logo
Glenair, Inc.
050-315 GLENAIR-050-315 Datasheet
495Kb / 15P
   PRINTED CIRCUIT BOARD (PCB) MOUNT TRANSCEIVER
More results

Similar Description - 050-313

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
050_303 GLENAIR-050_303 Datasheet
279Kb / 7P
   Opto-Electronic Transceiver
050-303 GLENAIR-050-303 Datasheet
279Kb / 7P
   Opto-Electronic Transceiver
050_313 GLENAIR-050_313 Datasheet
290Kb / 4P
   Opto-Electronic Transceiver
logo
NEC
2P4M NEC-2P4M Datasheet
311Kb / 1P
   Opto-Electronic Devices(NEPOC)
logo
Glenair, Inc.
050_308 GLENAIR-050_308 Datasheet
426Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050_301 GLENAIR-050_301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050_307 GLENAIR-050_307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-301 GLENAIR-050-301 Datasheet
367Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-307 GLENAIR-050-307 Datasheet
359Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
050-308 GLENAIR-050-308 Datasheet
426Kb / 4P
   Size 8 Cavity Opto-Electronic Contact
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com