Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCE55P30 Datasheet(PDF) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

Part # NCE55P30
Description  NCE P-Channel Enhancement Mode Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NCEPOWER [Wuxi NCE Power Semiconductor Co., Ltd]
Direct Link  http://www.ncepower.com
Logo NCEPOWER - Wuxi NCE Power Semiconductor Co., Ltd

NCE55P30 Datasheet(HTML) 6 Page - Wuxi NCE Power Semiconductor Co., Ltd

  NCE55P30 Datasheet HTML 1Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P30 Datasheet HTML 2Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P30 Datasheet HTML 3Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P30 Datasheet HTML 4Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P30 Datasheet HTML 5Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P30 Datasheet HTML 6Page - Wuxi NCE Power Semiconductor Co., Ltd NCE55P30 Datasheet HTML 7Page - Wuxi NCE Power Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Wuxi NCE Power Semiconductor Co., Ltd
Page
v1.0
6
NCE55P30
Pb Free Product
http://www.ncepower.com
TO-220-3L Package Information
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Max.
Min.
Max.
A
4.400
4.600
0.173
0.181
A1
2.250
2.550
0.089
0.100
b
0.710
0.910
0.028
0.036
b1
1.170
1.370
0.046
0.054
c
0.330
0.650
0.013
0.026
c1
1.200
1.400
0.047
0.055
D
9.910
10.250
0.390
0.404
E
8.9500
9.750
0.352
0.384
E1
12.650
12.950
0.498
0.510
e
2.540 TYP.
0.100 TYP.
e1
4.980
5.180
0.196
0.204
F
2.650
2.950
0.104
0.116
H
7.900
8.100
0.311
0.319
h
0.000
0.300
0.000
0.012
L
12.900
13.400
0.508
0.528
L1
2.850
3.250
0.112
0.128
V
7.500 REF.
0.295 REF.
Φ
3.400
3.800
0.134
0.150


Similar Part No. - NCE55P30

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NCE55P30 VBSEMI-NCE55P30 Datasheet
944Kb / 7P
   P-Channel 60-V (D-S) MOSFET
logo
Wuxi NCE Power Semicond...
NCE55P30K NCEPOWER-NCE55P30K Datasheet
371Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
logo
VBsemi Electronics Co.,...
NCE55P30K VBSEMI-NCE55P30K Datasheet
971Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - NCE55P30

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RM40P07 RECTRON-RM40P07 Datasheet
236Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
logo
Wuxi NCE Power Semicond...
NCE3401A NCEPOWER-NCE3401A Datasheet
265Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE3407A NCEPOWER-NCE3407A Datasheet
288Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE01P18L NCEPOWER-NCE01P18L Datasheet
317Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE15P25 NCEPOWER-NCE15P25 Datasheet
357Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE20P70G NCEPOWER-NCE20P70G Datasheet
367Kb / 6P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE30P12S NCEPOWER-NCE30P12S Datasheet
370Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE30P15S NCEPOWER-NCE30P15S Datasheet
347Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE40P06S NCEPOWER-NCE40P06S Datasheet
402Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE40P40K NCEPOWER-NCE40P40K Datasheet
477Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
NCE55P15 NCEPOWER-NCE55P15 Datasheet
357Kb / 7P
   NCE P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com