Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SC5343EF Datasheet(PDF) 1 Page - AUK corp

Part No. 2SC5343EF
Description  NPN Silicon Transistor (General small signal amplifier)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2SC5343EF Datasheet(HTML) 1 Page - AUK corp

  2SC5343EF Datasheet HTML 1Page - AUK corp 2SC5343EF Datasheet HTML 2Page - AUK corp 2SC5343EF Datasheet HTML 3Page - AUK corp 2SC5343EF Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-4004-004
1
2SC5343EF
NPN Silicon Transistor
Description
• General small signal amplifier
Features
• Low collector saturation voltage : VCE(sat)=0.25V(Max.)
• Low output capacitance : Cob=2pF(Typ.)
• Complementary pair with 2SA1980EF
Ordering Information
Type NO.
Marking
Package Code
2SC5343EF
C
SOT-523F
: hFE rank
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Base
2. Emitter
3. Collector
1
2
3
1.5~1.7
0.78~0.98


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn