Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SA1980UF Datasheet(PDF) 1 Page - AUK corp

Part No. 2SA1980UF
Description  PNP Silicon Transistor (General small signal amplifier)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

2SA1980UF Datasheet(HTML) 1 Page - AUK corp

  2SA1980UF Datasheet HTML 1Page - AUK corp 2SA1980UF Datasheet HTML 2Page - AUK corp 2SA1980UF Datasheet HTML 3Page - AUK corp 2SA1980UF Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KST-3032-002
1
2SA1980UF
PNP Silicon Transistor
Description
• General small signal amplifier
Features
• Low collector saturation voltage : VCE(sat)=-0.3V(Max.)
• Low output capacitance : Cob=4pF(Typ.)
• Complementary pair with 2SC5343UF
Ordering Information
Type NO.
Marking
Package Code
2SA1980UF
C
SOT-323F
: hFE rank
Outline Dimensions
unit : mm
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Base
2. Emitter
3. Collector
2.0~2.2
1.2~1.4
1
2
3


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn