Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP25-48-5 Datasheet(PDF) 3 Page - DENSEI-LAMBDA

Part # PP25-48-5
Description  Single, Dual output DC-DC converter 1.5W ~ 25W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PP25-48-5 Datasheet(HTML) 3 Page - DENSEI-LAMBDA

  PP25-48-5 Datasheet HTML 1Page - DENSEI-LAMBDA PP25-48-5 Datasheet HTML 2Page - DENSEI-LAMBDA PP25-48-5 Datasheet HTML 3Page - DENSEI-LAMBDA PP25-48-5 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
121
PPD-SERIES
Dual output DC-DC converter 1.5W ~ 10W
3 year warranty
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
Model name
PPD 3-48-1212
Features
Compact and dual output DC-DC converter
Ultra-low profile: 8mm
Wide input voltage range
DC5V input: DC4.5 ~ 7.2V
DC12V input: DC8 ~ 16.5V
DC24V input: DC18 ~ 32V
DC48V input: DC32 ~ 63V
Operating temperature:
20 ~ +71°C
Isolation between input and output
3 year warranty
Name of series
Output power
Nominal output voltage
Nominal input voltage
1. Input voltage range
2. Output voltage
range
3. Cooling
4. Operating ambient
temperature
(Standard mounting)
5. Withstand voltage
6. Functions
DC5V input: DC4.5 ~ 7.2V
DC12V input: DC8 ~ 16.5V
DC24V input: DC18 ~ 32V
DC48V input: DC32 ~ 63V
Fixed
Convection cooling
–20 ~ +71°C
PPD1R5, PPD3: Output derating –20°C ~ +50°C: 100%, +71°C: 20%
PPD6, PPD10: Output derating –20°C ~ +55°C: 100%, +71°C: 20%
Input–output, Input–case: 500VAC for 1 min.
Over voltage protection
Specifications
PPD1R5-5-1212
PPD1R5-5-1515
PPD1R5-12-1212
PPD1R5-12-1515
PPD1R5-24-1212
PPD1R5-24-1515
PPD1R5-48-1212
PPD1R5-48-1515
PPD3-5-1212
PPD3-5-1515
PPD3-12-1212
PPD3-12-1515
PPD3-24-1212
PPD3-24-1515
PPD3-48-1212
PPD3-48-1515
PPD6-5-1212
PPD6-5-1515
PPD6-12-1212
PPD6-12-1515
PPD6-24-1212
PPD6-24-1515
PPD6-48-1212
PPD6-48-1515
PPD10-5-1212
PPD10-5-1515
PPD10-12-1212
PPD10-12-1515
PPD10-24-1212
PPD10-24-1515
PPD10-48-1212
PPD10-48-1515
PPD1R5
PPD3
PPD6
PPD10
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
12V
15V
60mA
50mA
60mA
50mA
60mA
50mA
60mA
50mA
120mA
100mA
120mA
100mA
120mA
100mA
120mA
100mA
250mA
200mA
250mA
200mA
250mA
200mA
250mA
200mA
350mA
300mA
450mA
350mA
450mA
350mA
450mA
350mA
1.44W
1.5W
1.44W
1.5W
1.44W
1.5W
1.44W
1.5W
2.88W
3.0W
2.88W
3.0W
2.88W
3.0W
2.88W
3.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
8.4W
9.0W
10.8W
10.5W
10.8W
10.5W
10.8W
10.5W
Model name
Output voltage
Output current
Output power
Product lineup
PPD6
PPD10
PPD3
PPD1R5


Similar Part No. - PP25-48-5

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
PP25D MPSIND-PP25D Datasheet
720Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 150 WATT
PP25D-0802 MPSIND-PP25D-0802 Datasheet
720Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 150 WATT
PP25D-0803 MPSIND-PP25D-0803 Datasheet
720Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 150 WATT
PP25D-0804 MPSIND-PP25D-0804 Datasheet
720Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 150 WATT
PP25D-0902 MPSIND-PP25D-0902 Datasheet
720Kb / 2P
   PLANAR TRANSFORMERS HIGH FREQUENCY 150 WATT
More results

Similar Description - PP25-48-5

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2 Datasheet
334Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25-03S2 CHINFA-TDD25-03S2_10 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25 CHINFA-TDD25_14 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com