Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0402C0G1C220KT Datasheet(PDF) 11 Page - TDK Electronics

Part # C0402C0G1C220KT
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0402C0G1C220KT Datasheet(HTML) 11 Page - TDK Electronics

Back Button C0402C0G1C220KT Datasheet HTML 7Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 8Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 9Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 10Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 11Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 12Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 13Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 14Page - TDK Electronics C0402C0G1C220KT Datasheet HTML 15Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
— 10 —
(continued)
No.
Item
Performance
Test or inspection method
16
Moisture
Resistance
External
appearance
No mechanical damage.
Reflow solder the capacitors on a
P.C.Board shown in Appendix1a or
Appendix 1b before testing.
Apply the rated voltage at
temperature 40±2°C and 90 to
95%RH for 500 +24,0h.
Charge/discharge current shall not
exceed 50mA.
Leave the capacitors in ambient
condition for 6 to 24h (Class1) or
24±2h (Class2) before measurement.
Voltage conditioning (only for class 2)
Voltage treat the capacitors under
testing temperature and voltage for 1
hour.
Leave the capacitors in ambient
condition for 24±2h before
measurement.
Use this measurement for initial
value.
Capacitance
Characteristics
Change from the
value before test
Class1
C H
C0G
±7.5% or ±0.75pF,
whichever larger.
*Class2
J B
X5R
X6S
X7R
X7S
X7T
± 10 %
± 12.5 %
± 25 %
* Applied for some parts.
Q
(Class1)
Rated Capacitance
Q
30pF and over
200 min.
Under 30pF
100+10/3×C min.
C : Rated capacitance (pF)
D.F.
(Class2)
200% of initial spec. max.
Insulation
Resistance
500M
Ω or 25MΩ·μF min.
(As for the capacitors of rated
voltage 16, 10V DC and lower, 500
M
Ω or 5MΩ·μF min.,) whichever
smaller.


Similar Part No. - C0402C0G1C220KT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0402C0G1C220K020BC TDK-C0402C0G1C220K020BC_16 Datasheet
130Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0402C0G1C220K020BC TDK-C0402C0G1C220K020BC_17 Datasheet
181Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0402C0G1C220KT

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com