Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7421E Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421E
Description  ISO742x Low-Power Dual Channel Digital Isolators
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7421E Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO7421E Datasheet HTML 2Page - Texas Instruments ISO7421E Datasheet HTML 3Page - Texas Instruments ISO7421E Datasheet HTML 4Page - Texas Instruments ISO7421E Datasheet HTML 5Page - Texas Instruments ISO7421E Datasheet HTML 6Page - Texas Instruments ISO7421E Datasheet HTML 7Page - Texas Instruments ISO7421E Datasheet HTML 8Page - Texas Instruments ISO7421E Datasheet HTML 9Page - Texas Instruments ISO7421E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
ISO7420E, ISO7420FE, ISO7421E, ISO7421FE
SLLSE45F – DECEMBER 2010 – REVISED JULY 2015
www.ti.com
6.5 Electrical Characteristics: VCC1 and VCC2 = 5 V ± 10%
TA = –40°C to 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 16.
VCCO
(1)– 0.8
4.6
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 16.
VCCO– 0.1
5
IOL = 4 mA; see Figure 16.
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 16.
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
μA
INx at 0 V or VCCI
(1)
IIL
Low-level input current
–10
μA
CMTI
Common-mode transient immunity
VI = VCCI or 0 V; see Figure 18.
25
50
kV/
μs
SUPPLY CURRENT (ALL INPUTS SWITCHING WITH SQUARE WAVE CLOCK SIGNAL FOR DYNAMIC ICC MEASUREMENT)
ISO7420x
ICC1
0.4
0.8
DC Input: VI = VCCI or 0 V,
DC to 1 Mbps
AC Input: CL = 15 pF
ICC2
3.4
5
ICC1
0.6
1
10 Mbps
ICC2
4.5
6
Supply current for VCC1 and VCC2
mA
ICC1
1
1.5
25 Mbps
CL = 15 pF
ICC2
6.2
8
ICC1
1.7
2.5
50 Mbps
ICC2
9
12
ISO7421x
ICC1
2.3
3.6
DC Input: VI = VCCI or 0 V,
DC to 1 Mbps
AC Input: CL = 15 pF
ICC2
2.3
3.6
ICC1
2.9
4.5
10 Mbps
ICC2
2.9
4.5
Supply current for VCC1 and VCC2
mA
ICC1
4.3
6
25 Mbps
CL = 15 pF
ICC2
4.3
6
ICC1
6
8.5
50 Mbps
ICC2
6
8.5
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC
6
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ISO7420E ISO7420FE ISO7421E ISO7421FE


Similar Part No. - ISO7421E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421E TI-ISO7421E Datasheet
544Kb / 19P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7421E TI-ISO7421E Datasheet
965Kb / 25P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7421E-Q1 TI1-ISO7421E-Q1 Datasheet
623Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421ED TI1-ISO7421ED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7421EDR TI1-ISO7421EDR Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
More results

Similar Description - ISO7421E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO742x Low-Power Dual-Channel Digital Isolators
ISO7420FED TI1-ISO7420FED Datasheet
1Mb / 27P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
[Old version datasheet]   LOW-POWER DUAL DIGITAL ISOLATORS
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421-EP TI1-ISO7421-EP_16 Datasheet
1,006Kb / 24P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_10 Datasheet
432Kb / 20P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420 Datasheet
611Kb / 19P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421E-Q1 TI1-ISO7421E-Q1 Datasheet
623Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com