Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM27222 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM27222
Description  LM27222 High-Speed 4.5A Synchronous MOSFET Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM27222 Datasheet(HTML) 4 Page - Texas Instruments

  LM27222 Datasheet HTML 1Page - Texas Instruments LM27222 Datasheet HTML 2Page - Texas Instruments LM27222 Datasheet HTML 3Page - Texas Instruments LM27222 Datasheet HTML 4Page - Texas Instruments LM27222 Datasheet HTML 5Page - Texas Instruments LM27222 Datasheet HTML 6Page - Texas Instruments LM27222 Datasheet HTML 7Page - Texas Instruments LM27222 Datasheet HTML 8Page - Texas Instruments LM27222 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LM27222
SNVS306B – SEPTEMBER 2004 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics
(1)
VCC = CB = 5V, SW = GND = 0V, unless otherwise specified. Typicals and limits appearing in plain type apply for TA = TJ =
+25°C. Limits appearing in boldface type apply over the entire operating temperature range (-40°C
≤ TJ ≤ 125°C).
Symbol
Parameter
Conditions
Min
Typ
Max
Units
POWER SUPPLY
Iq_op
Operating Quiescent Current
IN = 0V, LEN = 0V
5
15
µA
30
IN = 0V, LEN = 5V
500
540
650
µA
825
HIGH-SIDE DRIVER
Peak Pull-up Current
3
A
RH-pu
Pull-up Rds_on
ICB = IHG = 0.3A
0.9
2.5
Peak Pull-down Current
4.5
A
RH-pd
Pull-down Rds_on
ISW = IHG = 0.3A
0.4
1.5
t4
Rise Time
Timing Diagram, CLOAD = 3.3nF
17
ns
t6
Fall Time
Timing Diagram, CLOAD = 3.3nF
12
ns
t3
Pull-up Dead Time
Timing Diagram
9.5
ns
t5
Pull-down Delay
Timing Diagram
16.5
ns
ton_min
Minimum Positive Output
30
ns
Pulse Width
LOW-SIDE DRIVER
Peak Pull-up Current
3.2
A
RL-pu
Pull-up Rds_on
IVCC = ILG = 0.3A
0.9
2.5
Peak Pull-down Current
4.5
A
RL-pd
Pull-down Rds_on
IGND = ILG = 0.3A
0.4
1.5
t8
Rise Time
Timing Diagram, CLOAD = 3.3nF
17
ns
t2
Fall Time
Timing Diagram, CLOAD = 3.3nF
14
ns
t7
Pull-up Dead Time
Timing Diagram
11.5
ns
t1
Pull-down Delay
Timing Diagram
7.7
ns
PULL-DOWN RESISTANCES
HG-SW Pull-down Resistance
10k
LG-GND Pull-down
10k
Resistance
LEN-GND Pull-down
150K
Resistance
IN-GND Pull-down Resistance
150K
LEAKAGE CURRENTS
Ileak_IN
IN pin Leakage Current
IN = 0V, Source Current
50
nA
IN = 5V, Sink Current
33
µA
Ileak_LEN
LEN pin Leakage Current
LEN = 0V, Source Current
200
nA
LEN = 5V, Sink Current
33
µA
LOGIC
VIH_LEN
LEN Low to High Threshold
Low to High Transition
65
% of VCC
VIL_LEN
LEN High to Low Threshold
High to Low Transition
30
% of VCC
VIH_IN
IN Low to High Threshold
Low to High Transition
65
% of VCC
VIL_IN
IN High to Low Threshold
High to Low Transition
30
% of VCC
Threshold Hysteresis
0.7
V
(1)
Min and Max limits are 100% production tested at 25°C. Limits over the operating temperature range are ensured through correlation
using Statistical Quality Control (SQC) methods. Limits are used to calculate Average Outgoing Quality Level (AOQL).
4
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM27222


Similar Part No. - LM27222

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222M NSC-LM27222M Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222MX NSC-LM27222MX Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222SD NSC-LM27222SD Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM27222SDX NSC-LM27222SDX Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
More results

Similar Description - LM27222

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM2722 NSC-LM2722 Datasheet
162Kb / 8P
   High Speed Synchronous/Asynchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com