Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5111 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5111
Description  LM5111 Dual 5A Compound Gate Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5111 Datasheet(HTML) 2 Page - Texas Instruments

  LM5111_15 Datasheet HTML 1Page - Texas Instruments LM5111_15 Datasheet HTML 2Page - Texas Instruments LM5111_15 Datasheet HTML 3Page - Texas Instruments LM5111_15 Datasheet HTML 4Page - Texas Instruments LM5111_15 Datasheet HTML 5Page - Texas Instruments LM5111_15 Datasheet HTML 6Page - Texas Instruments LM5111_15 Datasheet HTML 7Page - Texas Instruments LM5111_15 Datasheet HTML 8Page - Texas Instruments LM5111_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
OUT A
1
2
3
4
5
6
7
8
NC
IN_A
VEE
IN_B
NC
VCC
OUT_B
LM5111
SNVS300G – JULY 2004 – REVISED MARCH 2013
www.ti.com
Connection Diagram
Figure 2. 8-Lead SOIC or VSSOP
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
1
NC
No Connect
2
IN_A
‘A’ side control input
TTL compatible thresholds.
Ground reference for both inputs and
3
VEE
Connect to power ground.
outputs
4
IN_B
‘B’ side control input
TTL compatible thresholds.
Voltage swing of this output is from VCC to VEE. The output
5
OUT_B
Output for the ‘B’ side driver.
stage is capable of sourcing 3A and sinking 5A.
6
VCC
Positive output supply
Locally decouple to VEE.
Voltage swing of this output is from VCC to VEE. The output
7
OUT_A.
Output for the ‘A’ side driver.
stage is capable of sourcing 3A and sinking 5A.
8
NC
No Connect
It is recommended that the exposed pad on the bottom of the
EP (VSSOP Package)
package be soldered to ground plane on the PC board to aid
thermal dissipation.
Configuration Table
Part Number
“A” Output Configuration
“B” Output Configuration
Package
LM5111-1M/-1MX/-1MY/-1MYX
Non-Inverting (Low in UVLO)
Non-Inverting (Low in UVLO)
SOIC, VSSOP
LM5111-2M/-2MX/-2MY/-2MYX
Inverting (Low in UVLO)
Inverting (Low in UVLO)
SOIC, VSSOP
LM5111-3M/-3MX/-3MY/-3MYX
Inverting (Low in UVLO)
Non-Inverting (Low in UVLO)
SOIC, VSSOP
LM5111-4M/-4MX/-4MY/-4MYX
Inverting (High in UVLO)
Non-Inverting (Low in UVLO)
SOIC, VSSOP
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5111


Similar Part No. - LM5111_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5111-1M NSC-LM5111-1M Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111-1M TI-LM5111-1M Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
LM5111-1M/NOPB TI-LM5111-1M/NOPB Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111-1MX NSC-LM5111-1MX Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
logo
Texas Instruments
LM5111-1MX TI-LM5111-1MX Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
More results

Similar Description - LM5111_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5111 TI-LM5111 Datasheet
895Kb / 19P
[Old version datasheet]   LM5111 Dual 5A Compound Gate Driver
SM72482 TI-SM72482_15 Datasheet
731Kb / 15P
[Old version datasheet]   Dual 5A Compound Gate Driver
logo
National Semiconductor ...
LM5111 NSC-LM5111 Datasheet
205Kb / 10P
   Dual 5A Compound Gate Driver
SM72482 NSC-SM72482 Datasheet
329Kb / 12P
   SolarMagic Dual 5A Compound Gate Driver
LM5110 NSC-LM5110 Datasheet
269Kb / 13P
   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Texas Instruments
LM5110 TI-LM5110_15 Datasheet
960Kb / 20P
[Old version datasheet]   Dual 5A Compound Gate Driver with Negative Output Voltage Capability
LM5110-1M TI-LM5110-1M Datasheet
876Kb / 18P
[Old version datasheet]   LM5110 Dual 5A Compound Gate Driver with Negative Output Voltage Capability
logo
Zetex Semiconductors
ZXGD3003E6 ZETEX-ZXGD3003E6 Datasheet
382Kb / 8P
   5A(peak) gate driver
logo
Diodes Incorporated
ZXGD3003E6Q DIODES-ZXGD3003E6Q Datasheet
885Kb / 8P
   40V 5A GATE DRIVER IN SOT26
February 2020
ZXGD3003E6 DIODES-ZXGD3003E6 Datasheet
395Kb / 8P
   5A(peak) gate driver in SOT23-6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com