Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5106 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM5106
Description  100-V Half-Bridge Gate Driver With Programmable Dead-Time
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5106 Datasheet(HTML) 2 Page - Texas Instruments

  LM5106 Datasheet HTML 1Page - Texas Instruments LM5106 Datasheet HTML 2Page - Texas Instruments LM5106 Datasheet HTML 3Page - Texas Instruments LM5106 Datasheet HTML 4Page - Texas Instruments LM5106 Datasheet HTML 5Page - Texas Instruments LM5106 Datasheet HTML 6Page - Texas Instruments LM5106 Datasheet HTML 7Page - Texas Instruments LM5106 Datasheet HTML 8Page - Texas Instruments LM5106 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LM5106
SNVS424D – JANUARY 2006 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
7.3
Feature Description................................................. 11
1
Features .................................................................. 1
7.4
Device Functional Modes........................................ 11
2
Applications ........................................................... 1
8
Application and Implementation ........................ 12
3
Description ............................................................. 1
8.1
Application Information............................................ 12
4
Revision History..................................................... 2
8.2
Typical Application ................................................. 12
5
Pin Configuration and Functions ......................... 3
9
Power Supply Recommendations ...................... 14
6
Specifications......................................................... 4
9.1
Power Dissipation Considerations .......................... 14
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 15
6.2
ESD Ratings.............................................................. 4
10.1
Layout Guidelines ................................................. 15
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Example .................................................... 16
6.4
Thermal Information .................................................. 5
11
Device and Documentation Support ................. 17
6.5
Electrical Characteristics........................................... 5
11.1
Trademarks ........................................................... 17
6.6
Switching Characteristics .......................................... 6
11.2
Electrostatic Discharge Caution ............................ 17
6.7
Typical Characteristics .............................................. 8
11.3
Glossary ................................................................ 17
7
Detailed Description ............................................ 11
12
Mechanical, Packaging, and Orderable
7.1
Overview ................................................................. 11
Information ........................................................... 17
7.2
Functional Block Diagram ....................................... 11
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision C (March 2013) to Revision D
Page
Added Pin Configuration and Functions section, ESD Ratings table, Feature Description section, Device Functional
Modes, Application and Implementation section, Power Supply Recommendations section, Layout section, Device
and Documentation Support section, and Mechanical, Packaging, and Orderable Information section .............................. 1
Changes from Revision B (March 2013) to Revision C
Page
Changed layout of National Data Sheet to TI format ........................................................................................................... 12
2
Submit Documentation Feedback
Copyright © 2006–2014, Texas Instruments Incorporated
Product Folder Links: LM5106


Similar Part No. - LM5106

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
LM5106MM NSC-LM5106MM Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
LM5106MMX NSC-LM5106MMX Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
LM5106SD NSC-LM5106SD Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
LM5106SDX NSC-LM5106SDX Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
More results

Similar Description - LM5106

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5105SD-NOPB TI1-LM5105SD-NOPB Datasheet
891Kb / 19P
[Old version datasheet]   Half Bridge Gate Driver with Programmable Dead-Time
logo
National Semiconductor ...
LM5105 NSC-LM5105 Datasheet
743Kb / 12P
   100V Half Bridge Gate Driver with Programmable Dead-time
logo
Texas Instruments
LM5105 TI1-LM5105_16 Datasheet
1,004Kb / 23P
[Old version datasheet]   100V Half Bridge Gate Driver With Programmable Dead-Time
LM5105 TI-LM5105_15 Datasheet
945Kb / 21P
[Old version datasheet]   LM5105 100V Half Bridge Gate Driver with Programmable Dead-Time
logo
Analog Devices
ADUM4221 AD-ADUM4221 Datasheet
735Kb / 19P
   Isolated, Half Bridge Gate Driver with Adjustable Dead Time, 4 A Output
logo
National Semiconductor ...
LM5106 NSC-LM5106 Datasheet
718Kb / 12P
   100V Half Bridge Gate Driver with Programmable
logo
Analog Devices
LTC7060 AD-LTC7060 Datasheet
2Mb / 18P
   100V Half-Bridge Driver with Floating Grounds and Adjustable Dead-Time
ADUM4221 AD-ADUM4221_V01 Datasheet
1Mb / 24P
   Isolated, Half Bridge Gate Drivers with Adjustable Dead Time, 4 A Output
Rev. B
logo
Texas Instruments
LMG1210 TI1-LMG1210 Datasheet
601Kb / 23P
[Old version datasheet]   200-V, 1.5-A, 3-A Half-Bridge GaN Driver With Adjustable Dead Time
logo
IXYS Corporation
IX21844 IXYS-IX21844 Datasheet
307Kb / 14P
   Programmable Dead-Time
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com