Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5520 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA5520
Description  Standard TV Microcontrollers with On-Screen Display(OSD)
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA5520 Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA5520 Datasheet HTML 1Page - NXP Semiconductors SAA5520 Datasheet HTML 2Page - NXP Semiconductors SAA5520 Datasheet HTML 3Page - NXP Semiconductors SAA5520 Datasheet HTML 4Page - NXP Semiconductors SAA5520 Datasheet HTML 5Page - NXP Semiconductors SAA5520 Datasheet HTML 6Page - NXP Semiconductors SAA5520 Datasheet HTML 7Page - NXP Semiconductors SAA5520 Datasheet HTML 8Page - NXP Semiconductors SAA5520 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
1999 Oct 27
2
Philips Semiconductors
Preliminary specification
Standard TV microcontrollers with
On-Screen Display (OSD)
SAA55xx
CONTENTS
1
FEATURES
2
GENERAL DESCRIPTION
3
QUICK REFERENCE DATA
4
ORDERING INFORMATION
5
BLOCK DIAGRAM
6
PINNING INFORMATION
6.1
Pinning
6.2
Pin description
7
MICROCONTROLLER
7.1
Microcontroller features
8
MEMORY ORGANISATION
8.1
Security bits - program and verify
8.2
RAM organisation
8.3
Data memory
8.4
SFR memory
8.5
Character set feature bits
8.6
External (auxiliary) memory
9
POWER-ON RESET
10
REDUCED POWER MODES
10.1
Idle mode
10.2
Power-down mode
10.3
Standby mode
11
I/O FACILITY
11.1
I/O ports
11.2
Port type
11.3
Port alternate functions
11.4
LED support
12
INTERRUPT SYSTEM
12.1
Interrupt enable structure
12.2
Interrupt enable priority
12.3
Interrupt vector address
12.4
Level/edge interrupt
13
TIMER/COUNTER
14
WATCHDOG TIMER
14.1
Watchdog Timer operation
15
PULSE WIDTH MODULATORS
15.1
PWM control
15.2
Tuning Pulse Width Modulator (TPWM)
15.3
Software ADC (SAD)
16
I2C-BUS SERIAL I/O
16.1
I2C-bus port selection
17
MEMORY INTERFACE
17.1
Memory structure
17.2
Memory mapping
17.3
Addressing memory
17.4
Page clearing
18
DATA CAPTURE
18.1
Data Capture Features
18.2
Broadcast service data detection
18.3
VPS acquisition
18.4
WSS acquisition
19
DISPLAY
19.1
Display features
19.2
Display mode
19.3
Display feature descriptions
19.4
Character and attribute coding
19.5
Screen and global controls
19.6
Screen colour
19.7
Text display control
19.8
Display positioning
19.9
Character set
19.10
Display synchronization
19.11
Video/data switch (fast blanking) polarity
19.12
Video/data switch adjustment
19.13
RGB brightness control
19.14
Contrast reduction
20
MEMORY MAPPED REGISTERS
21
LIMITING VALUES
22
CHARACTERISTICS
22.1
I2C-bus characteristics
23
QUALITY AND RELIABILITY
23.1
Group A
23.2
Group B
23.3
Group C
24
APPLICATION INFORMATION
25
ELECTROMAGNETIC COMPATIBILITY
(EMC) GUIDELINES
26
PACKAGE OUTLINE
27
SOLDERING
27.1
Introduction to soldering through-hole mount
packages
27.2
Soldering by dipping or by solder wave
27.3
Manual soldering
27.4
Suitability of through-hole mount IC packages
for dipping and wave soldering methods
28
DEFINITIONS
29
LIFE SUPPORT APPLICATIONS
30
PURCHASE OF PHILIPS I2C COMPONENTS


Similar Part No. - SAA5520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5540PS/NNNN PHILIPS-SAA5540PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5541PS/NNNN PHILIPS-SAA5541PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5542PS/NNNN PHILIPS-SAA5542PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5543PS/NNNN PHILIPS-SAA5543PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5547PS/NNNN PHILIPS-SAA5547PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
More results

Similar Description - SAA5520

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
   TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
   Color TV ON-Screen Display Interface
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
STMicroelectronics
ST6365 STMICROELECTRONICS-ST6365 Datasheet
861Kb / 84P
   8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com