Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PP10-12-15 Datasheet(PDF) 1 Page - DENSEI-LAMBDA

Part # PP10-12-15
Description  Single, Dual output DC-DC converter 1.5W ~ 25W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAMBDA [DENSEI-LAMBDA]
Direct Link  http://www.global.tdk.com/
Logo LAMBDA - DENSEI-LAMBDA

PP10-12-15 Datasheet(HTML) 1 Page - DENSEI-LAMBDA

  PP10-12-15 Datasheet HTML 1Page - DENSEI-LAMBDA PP10-12-15 Datasheet HTML 2Page - DENSEI-LAMBDA PP10-12-15 Datasheet HTML 3Page - DENSEI-LAMBDA PP10-12-15 Datasheet HTML 4Page - DENSEI-LAMBDA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
119
PP1R5-5-5
PP1R5-5-12
PP1R5-5-15
PP1R5-12-5
PP1R5-12-12
PP1R5-12-15
PP1R5-24-5
PP1R5-24-12
PP1R5-24-15
PP1R5-48-5
PP1R5-48-12
PP1R5-48-15
PP3-5-5
PP3-5-12
PP3-5-15
PP3-12-5
PP3-12-12
PP3-12-15
PP3-24-5
PP3-24-12
PP3-24-15
PP3-48-5
PP3-48-12
PP3-48-15
PP6-5-5
PP6-5-12
PP6-5-15
PP6-12-5
PP6-12-12
PP6-12-15
PP6-24-5
PP6-24-12
PP6-24-15
PP6-48-5
PP6-48-12
PP6-48-15
PP1R5
PP3
PP6
5V
12V
15V
5V
12V
15V
5V
12V
15V
5V
12V
15V
5V
12V
15V
5V
12V
15V
5V
12V
15V
5V
12V
15V
5V
12V
15V
5V
12V
15V
5V
12V
15V
5V
12V
15V
0.3A
0.12A
0.1A
0.3A
0.12A
0.1A
0.3A
0.12A
0.1A
0.3A
0.12A
0.1A
0.6A
0.24A
0.2A
0.6A
0.24A
0.2A
0.6A
0.24A
0.2A
0.6A
0.24A
0.2A
1.2A
0.5A
0.4A
1.2A
0.5A
0.4A
1.2A
0.5A
0.4A
1.2A
0.5A
0.4A
1.5W
1.44W
1.5W
1.5W
1.44W
1.5W
1.5W
1.44W
1.5W
1.5W
1.44W
1.5W
3.0W
2.88W
3.0W
3.0W
2.88W
3.0W
3.0W
2.88W
3.0W
3.0W
2.88W
3.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
6.0W
Model name
Output voltage
Output current
Output power
1. Input voltage range
2. Output voltage range
3. Cooling
4. Operating ambient
temperature
5. Withstand voltage
6. Functions
DC5V input: DC4.5 ~ 7.2V (PP25: 4.7 ~ 7.2V)
DC12V input: DC9 ~ 18V (PP1R5 ~ PP10: 8 ~ 16.5V)
DC24V input: DC18 ~ 36V (PP1R5 ~ PP10: 18 ~ 32V)
DC48V input: DC36 ~ 72V (PP1R5 ~ PP10: 32 ~ 63V)
Fixed (PP15, PP25: +5% available with external resistor)
Convection cooling
–20 ~ +71°C
PP1R5 ~ PP10: Output derating –20°C ~ +50°C: 100%, +71°C: 20%
PP15, PP25: Output derating –20°C ~ +55°C: 100%, +71°C: 50%
(5V input of PP25: Output derating –20°C ~ +50°C: 100%, +71°C: 50%)
(48V input of PP25: output derating –20°C ~ +40°C: 100%, +71°C: 40%)
Input–output, Input–case: 500VAC for 1 min.
Over current protection, PP15, PP25: Remote on/off control & Over voltage protection
PP-SERIES
Single output DC-DC converter 1.5W ~ 25W
Model name
PP 15-48-5
Features
Compact and single output DC-DC converter
Ultra-thin profile: 8mm
Wide input voltage range
DC5V input: DC4.5 ~ 7.2V (PP25: 4.7V ~ 7.2V)
DC12V input: DC9 ~ 18V (PP1R5 ~ PP10: 8V ~ 16.5V)
DC24V input: DC18 ~ 36V (PP1R5 ~ PP10: 18V ~ 32V)
DC48V input: DC36 ~ 72V (PP1R5 ~ PP10: 32V ~ 63V)
Operating temperature:
20 ~ +71°C
Isolation between input and output
PP15, PP25: Output voltage variable, on/off control
3 year warranty
Name of series
Output power
Nominal output voltage
Specifications
3 year warranty
Product lineup
PP10-5-5
PP10-5-12
PP10-5-15
PP10-12-5
PP10-12-12
PP10-12-15
PP10-24-5
PP10-24-12
PP10-24-15
PP10-48-3.3
PP10-48-5
PP10-48-12
PP10-48-15
PP15-12-5
PP15-12-12
PP15-12-15
PP15-24-5
PP15-24-12
PP15-24-15
PP15-48-3.3
PP15-48-5
PP15-48-12
PP15-48-15
PP25-5-3.3
PP25-5-5.2
PP25-12-5
PP25-12-12
PP25-12-15
PP25-24-5
PP25-24-12
PP25-24-15
PP25-48-3.3
PP25-48-5
PP25-48-12
PP25-48-15
PP10
PP15
PP25
5V
12V
15V
5V
12V
15V
5V
12V
15V
3.3V
5V
12V
15V
5V
12V
15V
5V
12V
15V
3.3V
5V
12V
15V
3.3V
5.2V
5V
12V
15V
5V
12V
15V
3.3V
5V
12V
15V
1.6A
0.7A
0.6A
2.0A
0.9A
0.7A
2.0A
0.9A
0.7A
2.0V
2.0A
0.9A
0.7A
2.4A
1.3A
1.0A
2.4A
1.3A
1.0A
2.4A
2.4A
1.3A
1.0A
3.0A
2.9A
4.0A
2.1A
1.7A
4.0A
2.1A
1.7A
5.0A
4.0A
2.1A
1.7A
8.0W
8.4W
9.0W
10.0W
10.8W
10.5W
10.0W
10.8W
10.5W
6.6W
10.0W
10.8W
10.5W
12W
15.6W
15W
12W
15.6W
15W
7.92W
12W
15.6W
15W
9.9W
15.08W
20W
25.2W
25.5W
20W
25.2W
25.5W
16.5W
20W
25.2W
25.5W
Model name
Output voltage
Output current
Output power
Nominal input voltage
Request customer specification for further details of specifications, outline, characteristics, etc.
Read the instruction manual before usage.
Contact us about delivery before ordering.
PP10
PP15
PP25
PP6
PP3
PP1R5
UL CSA EN
UL CSA EN
: Safety standard approved


Similar Part No. - PP10-12-15

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
PP10 EDI-PP10 Datasheet
87Kb / 2P
   SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
PP100 EDI-PP100 Datasheet
87Kb / 2P
   SINGLE - PHASE FULL WAVE BRIDGE 6.0 AMPERES HEAT SINK MOUNTING 3.0 AMPERES FOR P.C BOARD MOUNTING
logo
List of Unclassifed Man...
PP100 ETC2-PP100 Datasheet
96Kb / 2P
   2491B Single Core Flexible
logo
Powerex Power Semicondu...
PP100B060 POWEREX-PP100B060 Datasheet
360Kb / 6P
   POW-R-PAK 100A / 600V H-Bridge IGBT Assembly
PP100B120 POWEREX-PP100B120 Datasheet
360Kb / 6P
   POW-R-PAK 100A / 1200V H-Bridge IGBT Assembly
More results

Similar Description - PP10-12-15

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2 Datasheet
334Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25-03S2 CHINFA-TDD25-03S2_10 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25 CHINFA-TDD25_14 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com