Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM82 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM82
Description  Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM82 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM82 Datasheet HTML 11Page - Texas Instruments LM82 Datasheet HTML 12Page - Texas Instruments LM82 Datasheet HTML 13Page - Texas Instruments LM82 Datasheet HTML 14Page - Texas Instruments LM82 Datasheet HTML 15Page - Texas Instruments LM82 Datasheet HTML 16Page - Texas Instruments LM82 Datasheet HTML 17Page - Texas Instruments LM82 Datasheet HTML 18Page - Texas Instruments LM82 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LM82
www.ti.com
SNIS113D – JANUARY 2000 – REVISED MARCH 2013
Command Select
Power On Default State
Register Name
Register Function
Address
<P7:P0> hex
<D7:D0> binary
<D7:D0> decimal
50h
0111 1111
127
Reserved
51h
Reserved for Future Use
52h
0111 1111
127
Reserved
53h-59h
Reserved for Future Use
5Ah
0111 1111
127
WTCS
Write T_CRIT Setpoint
5Ch-6Fh and F0h-
Reserved for Future Use
FDh
FEh
0000 0001
1
RMID
Read Manufacturers ID
FFh
0000 0011
3
RSR
Read Stepping or Die Revision Code
LOCAL and REMOTE TEMPERATURE REGISTERS (LT, and RT)
Table 1. LOCAL and REMOTE TEMPERATURE REGISTERS (LT, and RT) (Read Only Address 00h, and
01h):
D7
D6
D5
D4
D3
D2
D1
D0
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
D7–D0: Temperature Data. One LSB = 1°C. Two's complement format.
STATUS REGISTER
Table 2. STATUS REGISTER (Read Only Address 02h):
D7
D6
D5
D4
D3
D2
D1
D0
0
LHIGH
0
RHIGH
0
OPEN
RCRIT
LCRIT
Power up default is with all bits “0” (zero).
D0: LCRIT: When set to a 1 indicates an Local Critical Temperature alarm.
D1: RCRIT: When set to a 1 indicates a Remote Diode Critical Temperature alarm.
D2: D2OPEN: When set to 1 indicates a Remote Diode disconnect.
D4: D2RHIGH: When set to 1 indicates a Remote Diode HIGH Temperature alarm.
D6: LHIGH: When set to 1 indicates a Local HIGH Temperature alarm.
D7, D5, and D3: These bits are always set to 0 and reserved for future use.
MANUFACTURERS ID AND DIE REVISION (Stepping) REGISTERS
MANUFACTURERS ID AND DIE REVISION (Stepping) REGISTERS (Read Address FEh and FFh) Default
value 01h for Manufacturers ID(FEh ).
CONFIGURATION REGISTER
Table 3. CONFIGURATION REGISTER (Read Address 03h/Write Address 09h):
D7
D6
D5
D4
D3
D2
D1
D0
INT mask
0
Remote
Remote
Remote
Local
INT Inversion
0
T_CRIT_A
T_CRIT_A
T_CRIT_A
T_CRIT_A
mask
mask
mask
mask
Power up default is with all bits “0” (zero).
D7: INT mask: When set to 1 INT interrupts are masked.
D5: T_CRIT mask, this bit must be set to a 1 before the T_CRIT setpoint is lowered below 127 in order for
T_CRIT_A pin to function properly.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM82


Similar Part No. - LM82

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
358Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Shanghai Leiditech Elec...
LM8205D LEIDITECH-LM8205D Datasheet
853Kb / 4P
   Dual N-Channel 20V,SOT-26 M0SFET
logo
National Semiconductor ...
LM8207 NSC-LM8207 Datasheet
1Mb / 22P
   TFT 18 Gamma Buffer VCOM Driver Voltage Reference
logo
Texas Instruments
LM8207 TI1-LM8207 Datasheet
1Mb / 32P
[Old version datasheet]   LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
More results

Similar Description - LM82

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM82 NSC-LM82_04 Datasheet
358Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM89 TI-LM89 Datasheet
1Mb / 37P
[Old version datasheet]   Accurate, Remote Diode And Local Digital Temperature Sensor With Two-Wire Interface
LM90 TI-LM90_15 Datasheet
1Mb / 32P
[Old version datasheet]   Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
National Semiconductor ...
LM86 NSC-LM86 Datasheet
414Kb / 21P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM86 TI1-LM86 Datasheet
1Mb / 33P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
LM86 TI-LM86_15 Datasheet
1Mb / 34P
[Old version datasheet]   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor With Two-Wire Interface
logo
National Semiconductor ...
LM89 NSC-LM89 Datasheet
745Kb / 20P
   짹0.75째C Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM90 NSC-LM90 Datasheet
384Kb / 20P
   3 Degree Celcious Accurate, Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
LM83 NSC-LM83 Datasheet
331Kb / 20P
   Triple-Diode Input and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com