Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM76 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM76
Description  Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM76 Datasheet(HTML) 1 Page - Texas Instruments

  LM76_15 Datasheet HTML 1Page - Texas Instruments LM76_15 Datasheet HTML 2Page - Texas Instruments LM76_15 Datasheet HTML 3Page - Texas Instruments LM76_15 Datasheet HTML 4Page - Texas Instruments LM76_15 Datasheet HTML 5Page - Texas Instruments LM76_15 Datasheet HTML 6Page - Texas Instruments LM76_15 Datasheet HTML 7Page - Texas Instruments LM76_15 Datasheet HTML 8Page - Texas Instruments LM76_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LM76
www.ti.com
SNIS109E – JANUARY 2000 – REVISED MARCH 2013
LM76 ±0.5°C, ±1°C, 12-Bit + Sign Digital Temperature Sensor and Thermal Window
Comparator with Two-Wire Interface
Check for Samples: LM76
1
FEATURES
DESCRIPTION
The LM76 is a digital temperature sensor and thermal
2
Window Comparison Simplifies Design of
window comparator with an I2C Serial Bus interface
ACPI Compatible Temperature Monitoring and
with an accuracy of ±1°C. This accuracy for the
Control.
LM76CHM
is
specified
for
a
−10°C
to
45°C
Serial Bus Interface
temperature range. The LM76CHM is specified with
an accuracy ±0.5°C at 25°C. The window-comparator
Separate Open-Drain Outputs for Interrupt and
architecture of the LM76 eases the design of
Critical Temperature Shutdown
temperature control systems conforming to the ACPI
Shutdown Mode to Minimize Power
(Advanced
Configuration
and
Power
Interface)
Consumption
specification for personal computers. The open-drain
Up to 4 LM76s can be Connected to a Single
Interrupt (INT) output becomes active whenever
Bus
temperature goes outside a programmable window,
while
a
separate
Critical
Temperature
Alarm
12-bit + Sign Output; Full-scale Reading of
(T_CRIT_A)
output
becomes
active
when
the
Over 127°C
temperature exceeds a programmable critical limit.
The INT output can operate in either a comparator or
KEY SPECIFICATIONS
event mode, while the T_CRIT_A output operates in
Supply Voltage 5.0V
comparator mode only.
Supply Current
The host can program both the upper and lower limits
of the window as well as the critical temperature limit.
Operating
Programmable hysterisis as well as a fault queue are
250 µA (typ)
available to minimize false tripping. Two pins (A0, A1)
450 µA (max)
are available for address selection. The sensor
Shutdown
powers up with default thresholds of 2°C THYST, 10°C
TLOW, 64°C THIGH, and 80°C T_CRIT.
8 µA (max)
The LM76's 5.0V supply voltage, Serial Bus interface,
Temperature +25ºC ±0.5ºC (max)
12-bit + sign output, and full-scale range of over
Accuracy
127°C make it ideal for a wide range of applications.
–10ºC to +45ºC ±10°C (max)
These include thermal management and protection
70°C to 100°C ±1.0°C (max)
applications in personal computers, electronic test
equipment,
office
electronics
and
bio-medical
Resolution 0.0625°C
applications.
APPLICATIONS
System Thermal Management
Personal Computers
Office Electronics
HVAC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM76_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM760 NSC-LM760 Datasheet
197Kb / 10P
   High Speed Differential Comparator
logo
Texas Instruments
LM76002 TI1-LM76002 Datasheet
1Mb / 53P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002 TI1-LM76002 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q TI1-LM76002-Q Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
LM76002-Q1 TI1-LM76002-Q1 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 60-V, 2.5-A/3.5-A Synchronous Step-Down Voltage Regulator
More results

Similar Description - LM76_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM77 NSC-LM77 Datasheet
373Kb / 17P
   9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77 TI-LM77_15 Datasheet
1Mb / 24P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
[Old version datasheet]   Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
   짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM77CIMMX-3 TI-LM77CIMMX-3 Datasheet
1Mb / 23P
[Old version datasheet]   LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator ith Two-Wire Interface
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
[Old version datasheet]   0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
National Semiconductor ...
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
   짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
   짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
[Old version datasheet]   LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com